Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8207 Datasheet (PDF) - Analog Devices

AD8207 Datasheet PDF - Analog Devices
Part # AD8207
Download  AD8207 Download
File Size   310.05 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional, Zero Drift, Current Sense Amplifier

AD8207 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8207 Datasheet PDF - Analog Devices

Part # AD8207
Download  AD8207 Click to download

File Size   310.05 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional, Zero Drift, Current Sense Amplifier

AD8207 Datasheet (HTML) - Analog Devices


AD8207 Product details

GENERAL DESCRIPTION
The AD8417 is a high voltage, high resolution current shunt amplifier. It features an initial gain of 60 V/V, with a maximum ±0.3% gain error over the entire temperature range. The buffered output voltage directly interfaces with any typical converter. The AD8417 offers excellent input common-mode rejection from −2 V to +70 V. The AD8417 performs bidirectional current measurements across a shunt resistor in a variety of automotive and industrial applications, including motor control, power management, and solenoid control.

FEATURES
   Typical 0.1 µV/°C offset drift
   Maximum ±400 µV voltage offset over full temperature range
   2.7 V to 5.5 V power supply operating range
   Electromagnetic interference (EMI) filters Included
   High common-mode input voltage range
      −2 V to +70 V continuous
      −4 V to +85 V survival
   Initial gain = 60 V/V
   Wide operating temperature range: −40°C to +125°C
   Bidirectional operation
   Available in 8-lead SOIC and 8-lead MSOP
   Common-mode rejection ratio (CMRR): 86 dB, dc to 10 kHz
   Qualified for automotive applications

APPLICATIONS
   High-side current sensing in
     Motor controls
     Solenoid controls
     Power management
   Low-side current sensing
   Diagnostic protection




Similar Part No. - AD8207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8207 AD-AD8207 Datasheet
441Kb / 16P
Zero-Drift, High Voltage, Bidirectional Difference Amplifier
REV. 0
AD8207 AD-AD8207 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8207 AD-AD8207 Datasheet
3Mb / 4P
High Voltage, High Bandwidth Current Sense Amplifier
AD8207 AD-AD8207 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
AD8207WBRZ AD-AD8207WBRZ Datasheet
441Kb / 16P
Zero-Drift, High Voltage, Bidirectional Difference Amplifier
REV. 0
More results


Similar Description - AD8207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
Zero-Drift, Bi-directional Current Sense Amplifier
TP199A1T 3PEAK-TP199A1T Datasheet
779Kb / 9P
Zero-Drift, Bi-directional Current Sense Amplifier
logo
Analog Devices
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com