Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD745 Datasheet (PDF) - Analog Devices

AD745 Datasheet PDF - Analog Devices
Part # AD745
Download  AD745 Download
File Size   325.2 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise, High Speed, BiFET Op Amp

AD745 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD745 Datasheet PDF - Analog Devices

Part # AD745
Download  AD745 Click to download

File Size   325.2 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise, High Speed, BiFET Op Amp

AD745 Datasheet (HTML) - Analog Devices


AD745 Product details

PRODUCT DESCRIPTION
The AD745 is an ultralow noise, high-speed, FET input operational amplifier. It offers both the ultralow voltage noise and high speed generally associated with bipolar input op amps and the very low input currents of FET input devices. Its 20 MHz bandwidth and 12.5 V/µs slew rate makes the AD745 an ideal amplifier for high-speed applications demanding low noise and high dc precision. Furthermore, the AD745 does not exhibit an output phase reversal.

FEATURES
  ULTRALOW NOISE PERFORMANCE
     2.9 nV/Hz at 10 kHz
     0.38 μV p-p, 0.1 Hz to 10 Hz
     6.9 fA/Hz Current Noise at 1 kHz
  EXCELLENT AC PERFORMANCE
     12.5 V/Hs Slew Rate
     20 MHz Gain Bandwidth Product
     THD = 0.0002% @ 1 kHz
     Internally Compensated for Gains of +5 (or –4) or Greater
  EXCELLENT DC PERFORMANCE
     0.5 mV Max Offset Voltage
     250 pA Max Input Bias Current
     2000 V/mV Min Open Loop Gain
     Available in Tape and Reel in Accordance with EIA-481A Standard

APPLICATIONS
  Sonar
  Photodiode and IR Detector Amplifiers
  Accelerometers
  Low Noise Preamplifiers
  High Performance Audio




Similar Part No. - AD745

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD745 AD-AD745 Datasheet
338Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
3/02-REV.D
AD745 AD-AD745 Datasheet
325Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD7450 AD-AD7450 Datasheet
432Kb / 24P
Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
AD7450 AD-AD7450 Datasheet
435Kb / 22P
Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7450 AD-AD7450 Datasheet
500Kb / 23P
Differential Input, 1 MSPS 12-Bit ADC
23-Feb-2017
More results


Similar Description - AD745

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD743 AD-AD743 Datasheet
309Kb / 12P
Ultralow Noise BiFET Op Amp
REV.C
AD745 AD-AD745 Datasheet
338Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
3/02-REV.D
AD743 AD-AD743_03 Datasheet
268Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743JR AD-AD743JR Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743 AD-AD743_15 Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
Rev. E
AD745 AD-AD745_15 Datasheet
343Kb / 12P
Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com