Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450 Datasheet (PDF) - Analog Devices

AD7450 Datasheet PDF - Analog Devices
Part # AD7450
Download  AD7450 Download
File Size   432.05 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8

AD7450 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7450 Datasheet PDF - Analog Devices

Part # AD7450
Download  AD7450 Click to download

File Size   432.05 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8

AD7450 Datasheet (HTML) - Analog Devices


AD7450 Product details

GENERAL DESCRIPTION

The AD7450 is a 12-bit, high speed, low power, succes sive-approximation (SAR) analog-to-digital converter featuring a fully differential analog input. It operates from a single 3 V or 5 V power supply and features throughput rates up to 833kSPS or 1MSPS respectively.

This part contains a low-noise, wide bandwidth, differential track and hold amplifier (T/H) which can handle input frequencies in excess of 1MHz with the -3dB point being 20MHz typically. The reference voltage for the AD7450 is applied externally to the VREF pin and can be varied from 100 mV to 2.5 V depending on the power supply and to suit the application. The value of the reference voltage determines the common mode voltage range of the part. With this truly differential input structure and variable reference input, the user can select a variety of input ranges and bias points.



FEATURES

  Fast Throughput Rate: 1MSPS

  Specified for VDD of 3 V and 5 V

  Low Power at max Throughput Rate:

     3 mW typ at 833kSPS with 3 V Supplies

     8 mW typ at 1MSPS with 5 V Supplies

  Fully Differential Analog Input

  Wide Input Bandwidth:

     70dB SINAD at 300kHz Input Frequency

  Flexible Power/Serial Clock Speed Management

  No Pipeline Delays

  High Speed Serial Interface - SPI™/QSPITM/MicroWire™/ DSP Compatible

  Powerdown Mode: 1µA max

  8 Pin µSOIC and SOIC Packages



APPLICATIONS

  Transducer Interface

  Battery Powered Systems

  Data Acquisition Systems

  Portable Instrumentation

  Motor Control

  Communications



 




Similar Part No. - AD7450

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7450 AD-AD7450 Datasheet
435Kb / 22P
Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7450 AD-AD7450 Datasheet
500Kb / 23P
Differential Input, 1 MSPS 12-Bit ADC
23-Feb-2017
AD7450A AD-AD7450A Datasheet
771Kb / 28P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
2/04-Data Sheet changed from Rev. A to Rev. B
AD7450A AD-AD7450A Datasheet
784Kb / 28P
Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A Datasheet
674Kb / 27P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results


Similar Description - AD7450

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7451 AD-AD7451 Datasheet
208Kb / 15P
Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
AD7452 AD-AD7452 Datasheet
659Kb / 28P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7298 AD-AD7298 Datasheet
1Mb / 18P
8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
AD7450BRZ AD-AD7450BRZ Datasheet
435Kb / 22P
Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450BRM-REEL AD-AD7450BRM-REEL Datasheet
435Kb / 22P
Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7450 AD-AD7450_15 Datasheet
435Kb / 22P
Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
logo
Linear Technology
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Analog Devices
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com