Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450BRZ Datasheet (PDF) - Analog Devices

AD7450BRZ Datasheet PDF - Analog Devices
Part # AD7450BRZ
Download  AD7450BRZ Download
File Size   435.42 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8

AD7450BRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7450BRZ Datasheet PDF - Analog Devices

Part # AD7450BRZ
Download  AD7450BRZ Click to download

File Size   435.42 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8

AD7450BRZ Datasheet (HTML) - Analog Devices


AD7450BRZ Product details

GENERAL DESCRIPTION

The AD7450 is a 12-bit, high-speed, low power, successive approximation (SAR) analog-to-digital converter that features a fully differential analog input. It operates from a single 3 V or 5 V power supply and features throughput rates up to 833 kSPS or 1 MSPS, respectively.

This part contains a low noise, wide bandwidth, differential track and-hold amplifier (T/H) that can handle input frequencies in excess of 1 MHz with the –3 dB point typically being 20 MHz. The reference voltage for the AD7450 is applied externally to the VREF pin and can be varied from 100 mV to 3.5 V, depending on the power supply and what suits the application. The value of the reference voltage determines the common-mode voltage range of the part. With this truly differential input structure and variable reference input, the user can select a variety of input ranges and bias points.



FEATURES

  Fast Throughput Rate: 1 MSPS

  Specified for VDD of 3 V and 5 V

  Low Power at Max Throughput Rate:

     3.75 mW Max at 833 kSPS with 3 V Supplies

     9 mW Max at 1 MSPS with 5 V Supplies

  Fully Differential Analog Input

  Wide Input Bandwidth:

     70 dB SINAD at 300 kHz Input Frequency

  Flexible Power/Serial Clock Speed Management

  No Pipeline Delays

  High-Speed Serial Interface—SPITM/QSPI™ MICROWIRE™/DSP Compatible

  Power-Down Mode: 1 μA Max

  8-Lead μSOIC and SOIC Packages



APPLICATIONS

  Transducer Interface

  Battery-Powered Systems

  Data Acquisition Systems

  Portable Instrumentation

  Motor Control

  Communications



 




Similar Part No. - AD7450BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7450BRZ AD-AD7450BRZ Datasheet
435Kb / 22P
Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7450BRZ AD-AD7450BRZ Datasheet
500Kb / 23P
Differential Input, 1 MSPS 12-Bit ADC
23-Feb-2017
More results


Similar Description - AD7450BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7450 AD-AD7450 Datasheet
432Kb / 24P
Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
AD7440 AD-AD7440 Datasheet
771Kb / 28P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
2/04-Data Sheet changed from Rev. A to Rev. B
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7450BRM-REEL AD-AD7450BRM-REEL Datasheet
435Kb / 22P
Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450 AD-AD7450_15 Datasheet
435Kb / 22P
Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450 AD-AD7450_17 Datasheet
500Kb / 23P
Differential Input, 1 MSPS 12-Bit ADC
23-Feb-2017
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com