Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8321AR Datasheet (PDF) - Analog Devices

AD8321AR Datasheet PDF - Analog Devices
Part # AD8321AR
Download  AD8321AR Download
File Size   593.78 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Gain Programmable CATV Line DRiver

AD8321AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8321AR Datasheet PDF - Analog Devices

Part # AD8321AR
Download  AD8321AR Click to download

File Size   593.78 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Gain Programmable CATV Line DRiver

AD8321AR Datasheet (HTML) - Analog Devices


AD8321AR Product details

DESCRIPTION
The AD8321 is a low cost digitally controlled variable gain amplifier optimized for coaxial line driving applications such as cable modems that are designed to the DOCSIS* (upstream) standard. An 8-bit serial word determines the desired output gain over a 53.4 dB range, resulting in gain changes of 0.75 dB/LSB.

FEATURES
   Linear in dB Gain Response Over >53 dB Range
   Drives Low Distortion >11 dBm Signal into 75 Ω Load:
      –53 dBc SFDR at 42 MHz
   Very Low Output Noise Level
   Maintains Constant 75 Ω Output Impedance
      Power-Up and Power-Down Condition
      No Line Transformer Required
   Upper Bandwidth: 235 MHz (Min Gain)
   9 V Single Supply Operation
   Power-Down Functionality
   Supports SPI Interface
   Low Cost

APPLICATIONS
   Gain Programmable Line Driver
      HFC High Speed Data Modems
      Interactive CATV Set-Top Boxes
      CATV Plant Test Equipment
   General Purpose IF Variable Gain Block




Similar Part No. - AD8321AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8321AR AD-AD8321AR Datasheet
660Kb / 19P
Gain Programmable CATV Line Driver
REV.0
AD8321AR-REEL AD-AD8321AR-REEL Datasheet
660Kb / 19P
Gain Programmable CATV Line Driver
REV.0
More results


Similar Description - AD8321AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8321 AD-AD8321 Datasheet
660Kb / 19P
Gain Programmable CATV Line Driver
REV.0
AD8326 AD-AD8326 Datasheet
475Kb / 24P
High Output Power Programmable CATV Line Driver
71-Dec-2026
AD8321 AD-AD8321_05 Datasheet
721Kb / 20P
Gain Programmablea CATV Line Driver
6/05-Data Sheet Changed from REV. 0 to REV. A.
logo
Texas Instruments
DRV601 TI-DRV601 Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV612 TI-DRV612 Datasheet
660Kb / 23P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
High Output Power Programmable CATV Line Driver
REV. 0
logo
TriQuint Semiconductor
TGA2803-SM TRIQUINT-TGA2803-SM_15 Datasheet
574Kb / 14P
CATV TIA Gain Block
logo
Texas Instruments
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com