Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8828 Datasheet (PDF) - Analog Devices

ADM8828 Datasheet PDF - Analog Devices
Part # ADM8828
Download  ADM8828 Download
File Size   69.81 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Switched-Capacitor Voltage Inverter with Shutdown

ADM8828 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM8828 Datasheet PDF - Analog Devices

Part # ADM8828
Download  ADM8828 Click to download

File Size   69.81 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Switched-Capacitor Voltage Inverter with Shutdown

ADM8828 Datasheet (HTML) - Analog Devices


ADM8828 Product details

GENERAL DESCRIPTION
The ADM8828/ADM8829 is a charge-pump voltage inverter which may be used to generate a negative supply from a positive input. Input voltages ranging from +1.5 V to +5.5 V can be inverted into a negative –1.5 V to –5.5 V output supply. This inverting scheme is ideal for generating a negative rail in single power-supply systems. Only two small external capacitors are needed for the charge pump. Output currents up to 25 mA with greater than 99% efficiency are achievable.
The ADM8828 also features a low power shutdown (SHDN) pin. This can be used to disable the device and reduce the quies cent current to 20 nA.
The ADM8828/ADM8829 is available in a 6-lead SOT-23 package.

FEATURES
   Inverts Input Supply Voltage
   99% Voltage Conversion Efficiency
   25 mA Output Current
   Shutdown Function
   Requires Only Two Capacitors
   1 mF Capacitors
   18 V Output Resistance
   +1.5 V to +5.5 V Input Range
   600 mA Quiescent Current
   20 nA Shutdown Current (ADM8828)

APPLICATIONS
   Handheld Instruments
   LCD Panels
   Cellular Phones
   PDAs
   Remote Data Acquisition
   Op Amp Power Supplies




Similar Part No. - ADM8828

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8828 AD-ADM8828 Datasheet
67Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV.A
ADM8828ART AD-ADM8828ART Datasheet
67Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV.A
ADM8828ART AD-ADM8828ART Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828 AD-ADM8828_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
More results


Similar Description - ADM8828

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8828 AD-ADM8828 Datasheet
67Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV.A
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Analog Devices
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828 AD-ADM8828_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
Switched Capacitor Voltage Inverter with Shutdown
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com