Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4520 Datasheet (PDF) - Asahi Kasei Microsystems

AK4520 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4520
Download  AK4520 Download
File Size   198.2 Kbytes
Page   19 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 100dB 20Bit Stereo ADC & DAC

AK4520 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4520 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4520
Download  AK4520 Click to download

File Size   198.2 Kbytes
Page   19 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 100dB 20Bit Stereo ADC & DAC

AK4520 Datasheet (HTML) - Asahi Kasei Microsystems


AK4520 Product details

General Description

The AK4520 is a stereo CMOS A/D & D/A converter for middle-range MD/DAT, Surround System and musical instruments. Signal inputs and outputs are single-ended. The DAC outputs are analog filtered to remove out of band noise. External components are minimized.



Features

□ ∆Σ Stereo ADC

   - 64x Oversampling

   - S/(N+D): 90dB at 5V, 86dB at 3V

   - Dynamic Range: 100dB at 5V, 96dB at 3V

   - S/N: 100dB at 5V, 96dB at 3V

   - Digital HPF for offset cancel

□ ∆Σ Stereo DAC

   - 128x Oversampling

   - 2nd order SCF + 2nd order CTF

   - Digital de-emphasis for 32kHz, 44.1kHz, 48kHz sampling

   - S/(N+D): 90dB at 5V, 90dB at 3V

   - Dynamic Range: 100dB at 5V, 96dB at 3V

   - S/N: 100dB at 5V, 96dB at 3V

□ High Jitter Tolerance

□ Sample Rate Ranging from 16kHz to 54kHz

□ Master Clock: 256fs or 384fs

□ 2.7 to 3.6V or 4.5 to 5.5V supply

□ Low Power Dissipation: 255mW

□ Small 28pin VSOP Package



 




Similar Part No. - AK4520

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4520A AKM-AK4520A Datasheet
2Mb / 36P
EVALUATION BOARD REV.B FOR AK4520A
More results


Similar Description - AK4520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
20BIT STEREO ADC & DAC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
96kHz Sampling 20bit ADC
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
20BIT STEREO ADC & DAC WITH X TAL OSC
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4345 AKM-AK4345_10 Datasheet
488Kb / 27P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
20Bit Stereo ?誇 ADC & DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com