Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4259 Datasheet (PDF) - Peregrine Semiconductor

PE4259 Datasheet PDF - Peregrine Semiconductor
Part # PE4259
Download  PE4259 Download
File Size   651.34 Kbytes
Page   9 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch

PE4259 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4259 Datasheet PDF - Peregrine Semiconductor

Part # PE4259
Download  PE4259 Click to download

File Size   651.34 Kbytes
Page   9 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch

PE4259 Datasheet (HTML) - Peregrine Semiconductor


PE4259 Product details

Product Description
The PE4259 UltraCMOS™ RF switch is designed to cover a broad range of applications from 10 MHz through 3000 MHz. This reflective switch integrates on-board CMOS control logic with a low voltage CMOS-compatible control interface, and can be controlled using either single-pin or complementary control inputs. Using a nominal +3-volt power supply voltage, a typical input 1 dB compression point of +33.5 dBm can be achieved.
The PE4259 is manufactured on Peregrine’s UltraCMOS™ process, a patented variation of silicon-on-insulator (SOI) technology on a sapphire substrate, offering the performance of GaAs with the economy and integration of conventional CMOS.

Features
● Single-pin or complementary CMOS
   logic control inputs
● Low insertion loss:
   ● 0.35 dB @ 1000 MHz
   ● 0.5 dB @ 2000 MHz
● Isolation of 30 dB @ 1000 MHz
● High ESD tolerance of 2 kV HBM
● Typical input 1 dB compression point
   of +33.5 dBm
● 1.8V minimum power supply voltage
● Ultra-small SC-70 package




Similar Part No. - PE4259

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
logo
Pasternack Enterprises,...
PE4259 PASTERNACK-PE4259 Datasheet
307Kb / 2P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4259 PEREGRINE-PE4259 Datasheet
651Kb / 11P
SPDT High Power UltraCMOS
logo
Pasternack Enterprises,...
PE4259 PASTERNACK-PE4259 Datasheet
395Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
More results


Similar Description - PE4259

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
PE4283 PEREGRINE-PE4283 Datasheet
230Kb / 11P
SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
logo
Peregrine Semiconductor
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com