Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42421 Datasheet (PDF) - Peregrine Semiconductor

PE42421 Datasheet PDF - Peregrine Semiconductor
Part # PE42421
Download  PE42421 Download
File Size   325.18 Kbytes
Page   9 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch

PE42421 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42421 Datasheet PDF - Peregrine Semiconductor

Part # PE42421
Download  PE42421 Click to download

File Size   325.18 Kbytes
Page   9 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch

PE42421 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE42421

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42421 PEREGRINE-PE42421 Datasheet
326Kb / 9P
SPDT UltraCMOS
PE42421 PEREGRINE-PE42421 Datasheet
325Kb / 9P
SPDT UltraCMOS
PE42421SCAA-Z PEREGRINE-PE42421SCAA-Z Datasheet
326Kb / 9P
SPDT UltraCMOS
logo
Peregrine Semiconductor
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42421 PSEMI-PE42421_14 Datasheet
921Kb / 9P
SPDT UltraCMOS짰
More results


Similar Description - PE42421

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com