Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42421 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE42421
Description  SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42421 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE42421 Datasheet HTML 1Page - Peregrine Semiconductor PE42421 Datasheet HTML 2Page - Peregrine Semiconductor PE42421 Datasheet HTML 3Page - Peregrine Semiconductor PE42421 Datasheet HTML 4Page - Peregrine Semiconductor PE42421 Datasheet HTML 5Page - Peregrine Semiconductor PE42421 Datasheet HTML 6Page - Peregrine Semiconductor PE42421 Datasheet HTML 7Page - Peregrine Semiconductor PE42421 Datasheet HTML 8Page - Peregrine Semiconductor PE42421 Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1 of 9
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0396-03 │ www.psemi.com
RF1
RF2
RFC
CMOS
Control
Driver
ESD
ESD
CTRL CTRL or V
DD
The PE42421 UltraCMOS® RF switch is designed to
cover a broad range of applications from 10 MHz
through 3000 MHz. This reflective switch integrates
on-board CMOS control logic with a low voltage
CMOS-compatible control interface, and can be
controlled using either single-pin or complementary
control inputs. Using a nominal +3-volt power supply
voltage, a typical input 1 dB compression point of
+33.5 dBm can be achieved.
The PE42421 SPDT RF switch is manufactured on
Peregrine’s UltraCMOS® process, a patented
variation of silicon-on-insulator (SOI) technology on
a sapphire substrate, offering the performance of
GaAs with the economy and integration of
conventional CMOS.
Product Specification
SPDT UltraCMOS®
10 MHz – 3.0 GHz RF Switch
Product Description
Figure 1. Functional Diagram
PE42421
Features

Single-pin or complementary CMOS
logic control inputs

Low insertion loss: 0.35 dB at
1000 MHz, 0.5 dB at 2000 MHz

Isolation of 30 dB at 1000 MHz, 20 dB
at 2000 MHz

Typical input 1 dB compression point
of +33.5 dBm

1.8V minimum power supply voltage

SC-70 package
Figure 2. Package
6-lead SC-70
71-0015-01


Similar Part No. - PE42421

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42421 PEREGRINE-PE42421 Datasheet
326Kb / 9P
SPDT UltraCMOS
PE42421 PEREGRINE-PE42421 Datasheet
325Kb / 9P
SPDT UltraCMOS
PE42421SCAA-Z PEREGRINE-PE42421SCAA-Z Datasheet
326Kb / 9P
SPDT UltraCMOS
logo
Peregrine Semiconductor
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42421 PSEMI-PE42421_14 Datasheet
921Kb / 9P
SPDT UltraCMOS짰
More results

Similar Description - PE42421

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com