Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42421 Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE42421
Description  SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42421 Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE42421 Datasheet HTML 1Page - Peregrine Semiconductor PE42421 Datasheet HTML 2Page - Peregrine Semiconductor PE42421 Datasheet HTML 3Page - Peregrine Semiconductor PE42421 Datasheet HTML 4Page - Peregrine Semiconductor PE42421 Datasheet HTML 5Page - Peregrine Semiconductor PE42421 Datasheet HTML 6Page - Peregrine Semiconductor PE42421 Datasheet HTML 7Page - Peregrine Semiconductor PE42421 Datasheet HTML 8Page - Peregrine Semiconductor PE42421 Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Product Specification
PE42421
Page 5 of 9
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0396-03 │ www.psemi.com
T-line Description
--
Model = CPWG
H= 28 mils
T= 2.1 mils
W=47 mils
G= 30 mils
Er = 4.4
SEEASSYNOTE 2
SEEASSYNOTE 2
J7
CNTL
1
J3
RF2
R1
1KOhm
R2
1KOhm
1
J5
N/A
1
J4
N/A
1
J2
RF1
J6
CNTLX/VDD
2
GND
1
RF_1
3
RF_2
4 CTRL
5 RFC
6 VDD
U1
PE42421/SC70-6
1
J1
RFC
C1
0.5pF
C2
0.5pF
Evaluation Kit
The SPDT switch EK Board was designed to ease
customer evaluation of Peregrine’s PE42421. The
RF common port is connected through a 50Ω
transmission line via the top SMA connector, J1.
RF1 and RF2 are connected through 50Ω
transmission lines via SMA connectors J2 and J3,
respectively. A through 50Ω transmission is
available via SMA connectors J4 and J5. This
transmission line can be used to estimate the loss
of the PCB over the environmental conditions
being evaluated.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.031”. The
bottom layer provides ground for the RF
transmission lines. The transmission lines were
designed using a coplanar waveguide with ground
plane model using a trace width of 0.0476”, trace
gaps of 0.030”, dielectric thickness of 0.028”,
metal thickness of 0.0021” and εr of 4.4.
J6 and J7 provide a means for controlling DC and
digital inputs to the device. J6-1 is connected to
the device VDD or CTRL input. J7-1 is connected
to the device CTRL input.
Figure 5. Evaluation Board Layouts
Figure 6. Evaluation Board Schematic
Peregrine Specification 102-0756-01
Peregrine Specification 101-0162-02
Notes: Add two 0.5 pF caps in series to be shunted on the J1 SMA input
Solder C1 side 1 to the RF trace close to the J1 pin
Solder C1 side 2 to C2 side 1
Solder C2 side 2 to ground
General Comments
Transmission lines connected to J1, J2, and J3 should have exactly the
same electrical length
The path from J2 to J3 including the distance through the part should
have the same length as J4 and J5 and be in parallel to J4 to J5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com