Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1102 Datasheet (PDF) - Advanced Linear Devices

ALD1102 Datasheet PDF - Advanced Linear Devices
Part # ALD1102
Download  ALD1102 Download
File Size   27.14 Kbytes
Page   4 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description DUAL P-CHANNEL MATCHED MOSFET PAIR

ALD1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1102 Datasheet PDF - Advanced Linear Devices

Part # ALD1102
Download  ALD1102 Click to download

File Size   27.14 Kbytes
Page   4 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description DUAL P-CHANNEL MATCHED MOSFET PAIR

ALD1102 Datasheet (HTML) - Advanced Linear Devices


ALD1102 Product details

GENERAL DESCRIPTION
The ALD1102 is a monolithic dual P-channel matched transistor pair
intended for a broad range of analog applications. These enhancement mode transistors are manufactured with Advanced Linear Devices enhanced ACMOS silicon gate CMOS process.

FEATURES
• Low threshold voltage of 0.7V
• Low input capacitance
• Low Vos grades -- 2mV, 5mV, 10mV
• High input impedance -- 1012Ω typical
• Low input and output leakage currents
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
• RoHS compliant

APPLICATIONS
• Precision current mirrors
• Precision current sources
• Analog switches
• Choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog inverter




Similar Part No. - ALD1102

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1102 ADL-ALD1102 Datasheet
67Kb / 7P
DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1102A ADL-ALD1102A Datasheet
67Kb / 7P
DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1102APAL ALD-ALD1102APAL Datasheet
62Kb / 6P
DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1102APAL ADL-ALD1102APAL Datasheet
67Kb / 7P
DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1102ASAL ALD-ALD1102ASAL Datasheet
62Kb / 6P
DUAL P-CHANNEL MATCHED MOSFET PAIR
More results


Similar Description - ALD1102

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1103 ALD-ALD1103 Datasheet
68Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105 Datasheet
58Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
ALD1102 ALD-ALD1102_12 Datasheet
62Kb / 6P
DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1103 ALD-ALD1103_16 Datasheet
93Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1102A ADL-ALD1102A Datasheet
67Kb / 7P
DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1103 ADL-ALD1103 Datasheet
77Kb / 8P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com