Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1107 Datasheet (PDF) - ADL Embedded Solutions

ALD1107 Datasheet PDF - ADL Embedded Solutions
Part # ALD1107
Download  ALD1107 Download
File Size   84.62 Kbytes
Page   9 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY

ALD1107 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1107 Datasheet PDF - ADL Embedded Solutions

Part # ALD1107
Download  ALD1107 Click to download

File Size   84.62 Kbytes
Page   9 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY

ALD1107 Datasheet (HTML) - ADL Embedded Solutions


ALD1107 Product details

GENERAL DESCRIPTION
The ALD1107/ALD1117 are monolithic quad/dual P-channel enhancement
mode matched MOSFET transistor arrays intended for a broad
range of precision analog applications. The ALD1107/ALD1117 offer
high input impedance and negative current temperature coefficient. The
transistor pairs are matched for minimum offset voltage and differential
thermal response, and they are designed for precision analog switching
and amplifying applications in -2V to -10V systems where low input bias
current, low input capacitance and fast switching speed are desired.
These MOSFET devices feature very large (almost infinite) current gain
in a low frequency, or near DC, operating environment. The ALD1107/
ALD1117 are building blocks for differential amplifier input stages,
transmission gates, multiplexer applications, current sources and many
precision analog circuits.

FEATURES
• Low threshold voltage of -0.7V
• Low input capacitance
• Low Vos -- 2mV typical
• High input impedance -- 1014Ω typical
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
• Low input and output leakage currents
• RoHS compliant

APPLICATIONS
• Precision current mirrors
• Precision current sources
• Voltage choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog signal processing




Similar Part No. - ALD1107

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1107 ALD-ALD1107 Datasheet
61Kb / 6P
QUAD/DUAL P-CHANNEL MATCHED MOSFET ARRAY
ALD1107DB ALD-ALD1107DB Datasheet
61Kb / 6P
QUAD/DUAL P-CHANNEL MATCHED MOSFET ARRAY
ALD1107DB ALD-ALD1107DB Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1107PB ALD-ALD1107PB Datasheet
61Kb / 6P
QUAD/DUAL P-CHANNEL MATCHED MOSFET ARRAY
ALD1107PBL ALD-ALD1107PBL Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
More results


Similar Description - ALD1107

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1107 ALD-ALD1107 Datasheet
61Kb / 6P
QUAD/DUAL P-CHANNEL MATCHED MOSFET ARRAY
ALD1106 ALD-ALD1106_12 Datasheet
124Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD310702 ALD-ALD310702 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD310704 ALD-ALD310704 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
logo
ADL Embedded Solutions
ALD1106 ADL-ALD1106 Datasheet
82Kb / 9P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD310702A ALD-ALD310702A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
ALD310704A ALD-ALD310704A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
ALD310708A ALD-ALD310708A Datasheet
511Kb / 9P
P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ENHANCED MODE MATCHED PAIR
2021
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com