Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1106 Datasheet (PDF) - ADL Embedded Solutions

ALD1106 Datasheet PDF - ADL Embedded Solutions
Part # ALD1106
Download  ALD1106 Download
File Size   82.82 Kbytes
Page   9 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY

ALD1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1106 Datasheet PDF - ADL Embedded Solutions

Part # ALD1106
Download  ALD1106 Click to download

File Size   82.82 Kbytes
Page   9 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY

ALD1106 Datasheet (HTML) - ADL Embedded Solutions


ALD1106 Product details

GENERAL DESCRIPTION
The ALD1106/ALD1116 are monolithic quad/dual N-channel enhancement
mode matched MOSFET transistor arrays intended for a broad
range of precision analog applications. The ALD1106/ALD1116 offer
high input impedance and negative current temperature coefficient. The
transistor pairs are matched for minimum offset voltage and differential
thermal response, and they are designed for precision analog switching
and amplifying applications in +2V to +10V systems where low input bias
current, low input capacitance and fast switching speed are desired.
These MOSFET devices feature very large (almost infinite) current gain
in a low frequency, or near DC, operating environment. The ALD1106/
ALD1116 are building blocks for differential amplifier input stages,
transmission gates, multiplexer applications, current sources and many
precision analog circuits.

FEATURES
• Low threshold voltage of 0.7V
• Low input capacitance
• Low Vos -- 2mV typical
• High input impedance -- 1014Ω typical
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
• Low input and output leakage currents
• RoHS compliant

APPLICATIONS
• Precision current mirrors
• Precision current sources
• Voltage choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog signal processing




Similar Part No. - ALD1106

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106 Datasheet
34Kb / 4P
QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
ALD1106 ALD-ALD1106 Datasheet
106Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
ALD1106DB ALD-ALD1106DB Datasheet
34Kb / 4P
QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
ALD1106DB ALD-ALD1106DB Datasheet
124Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1106PB ALD-ALD1106PB Datasheet
34Kb / 4P
QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
More results


Similar Description - ALD1106

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106 Datasheet
34Kb / 4P
QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD110804 ALD-ALD110804 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804 Datasheet
422Kb / 2P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD1106 ALD-ALD1106_12 Datasheet
124Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1121E ALD-ALD1121E_12 Datasheet
148Kb / 14P
QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
logo
ADL Embedded Solutions
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com