Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1106 Datasheet (PDF) - Advanced Linear Devices

ALD1106 Datasheet PDF - Advanced Linear Devices
Part # ALD1106
Download  ALD1106 Download
File Size   106.16 Kbytes
Page   11 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY

ALD1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1106 Datasheet PDF - Advanced Linear Devices

Part # ALD1106
Download  ALD1106 Click to download

File Size   106.16 Kbytes
Page   11 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY

ALD1106 Datasheet (HTML) - Advanced Linear Devices


ALD1106 Product details

GENERAL DESCRIPTION
The ALD1106/ALD1116 are monolithic quad/dual N-channel enhancement
mode matched MOSFET transistor arrays intended for a broad range
of precision analog applications. The ALD1106/ALD1116 offer high input
impedance and negative current temperature coefficient. The transistor
pairs are matched for minimum offset voltage and differential thermal
response, and they are designed for precision analog switching and
amplifying applications in +2V to +12V systems where low input bias
current, low input capacitance and fast switching speed are desired. These
MOSFET devices feature very large (almost infinite) current gain in a low
frequency, or near DC, operating environment. The ALD1106/ALD1116
are building blocks for differential amplifier input stages, transmission
gates, and multiplexer applications, current sources and many precision
analog circuits.
FEATURES
• Low threshold voltage of 0.7V
• Low input capacitance
• Low Vos 2mV typical
• High input impedance -- 1014Ω typical
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
• Low input and output leakage currents
• RoHS compliant

APPLICATIONS
• Precision current mirrors
• Precision current sources
• Voltage choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog signal processing




Similar Part No. - ALD1106

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106 Datasheet
34Kb / 4P
QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
logo
ADL Embedded Solutions
ALD1106 ADL-ALD1106 Datasheet
82Kb / 9P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1106DB ALD-ALD1106DB Datasheet
34Kb / 4P
QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
ALD1106DB ALD-ALD1106DB Datasheet
124Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1106PB ALD-ALD1106PB Datasheet
34Kb / 4P
QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
More results


Similar Description - ALD1106

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106 Datasheet
34Kb / 4P
QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD110804 ALD-ALD110804 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804 Datasheet
422Kb / 2P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD1106 ALD-ALD1106_12 Datasheet
124Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1121E ALD-ALD1121E_12 Datasheet
148Kb / 14P
QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
logo
ADL Embedded Solutions
ALD1106 ADL-ALD1106 Datasheet
82Kb / 9P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com