Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1107 Datasheet (PDF) - Advanced Linear Devices

ALD1107 Datasheet PDF - Advanced Linear Devices
Part # ALD1107
Download  ALD1107 Download
File Size   61.6 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL P-CHANNEL MATCHED MOSFET ARRAY

ALD1107 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1107 Datasheet PDF - Advanced Linear Devices

Part # ALD1107
Download  ALD1107 Click to download

File Size   61.6 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL P-CHANNEL MATCHED MOSFET ARRAY

ALD1107 Datasheet (HTML) - Advanced Linear Devices


ALD1107 Product details

GENERAL DESCRIPTION
The ALD1107/ALD1117 are monolithic quad/dual P-channel enhancement mode matched MOSFET transistor arrays intended for a broad range of precision analog applications.

FEATURES
• Low threshold voltage of -0.7V
• Low input capacitance
• Low Vos 2mV typical
• High input impedance -- 1014Ω typical
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
• Low input and output leakage currents
• RoHS compliant

APPLICATIONS
• Precision current mirrors
• Precision current sources
• Voltage choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog signal processing




Similar Part No. - ALD1107

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1107DB ALD-ALD1107DB Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1107PBL ALD-ALD1107PBL Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
logo
ADL Embedded Solutions
ALD1107PBL ADL-ALD1107PBL Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1107SBL ALD-ALD1107SBL Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
More results


Similar Description - ALD1107

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106 Datasheet
34Kb / 4P
QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
ALD1106 ALD-ALD1106_12 Datasheet
124Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD310702 ALD-ALD310702 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD310704 ALD-ALD310704 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
logo
ADL Embedded Solutions
ALD1106 ADL-ALD1106 Datasheet
82Kb / 9P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD310702A ALD-ALD310702A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
ALD310704A ALD-ALD310704A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com