Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKE02P64M20SF0 Datasheet (PDF) - Freescale Semiconductor, Inc

MKE02P64M20SF0 Datasheet PDF - Freescale Semiconductor, Inc
Part # MKE02P64M20SF0
Download  MKE02P64M20SF0 Download
File Size   1459.7 Kbytes
Page   36 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Operating characteristics : Flash write voltage range: 2.7 to 5.5 V

MKE02P64M20SF0 Datasheet (PDF)

Go To PDF Page Download Datasheet
MKE02P64M20SF0 Datasheet PDF - Freescale Semiconductor, Inc

Part # MKE02P64M20SF0
Download  MKE02P64M20SF0 Click to download

File Size   1459.7 Kbytes
Page   36 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Operating characteristics : Flash write voltage range: 2.7 to 5.5 V

MKE02P64M20SF0 Datasheet (HTML) - Freescale Semiconductor, Inc




Similar Part No. - MKE02P64M20SF0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKE02P64M20SF0 NXP-MKE02P64M20SF0 Datasheet
845Kb / 38P
Power management module (PMC) with three power modes: Run, Wait, Stop
Rev. 7, 12/2019
More results


Similar Description - MKE02P64M20SF0

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
CapSense Applications Operating Range: 1.71 V to 5.5 V
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
Freescale Semiconductor...
KL26P121M48SF4 FREESCALE-KL26P121M48SF4 Datasheet
1Mb / 60P
Operating Characteristics Voltage range: 1.71 to 3.6 V
logo
Infineon Technologies A...
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
logo
EHAOAN.
HS1538B-C EHAOAN-HS1538B-C Datasheet
1Mb / 8P
Operating voltage: 2.7 v -5.5v
HS1538B-D EHAOAN-HS1538B-D Datasheet
1Mb / 8P
Operating voltage: 2.2 v -5.5
HS1538S EHAOAN-HS1538S Datasheet
1Mb / 8P
Operating voltage: 2.7-5.5 v
HS1838B-C EHAOAN-HS1838B-C Datasheet
1Mb / 8P
Operating voltage: 2.7 v -5.5v
HS1838T-B-C EHAOAN-HS1838T-B-C Datasheet
1Mb / 8P
Operating voltage: 2.7 V -5.5 V
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com