Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL26P121M48SF4 Datasheet (PDF) - Freescale Semiconductor, Inc

KL26P121M48SF4 Datasheet PDF - Freescale Semiconductor, Inc
Part # KL26P121M48SF4
Download  KL26P121M48SF4 Download
File Size   1825.17 Kbytes
Page   60 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Operating Characteristics Voltage range: 1.71 to 3.6 V

KL26P121M48SF4 Datasheet (PDF)

Go To PDF Page Download Datasheet
KL26P121M48SF4 Datasheet PDF - Freescale Semiconductor, Inc

Part # KL26P121M48SF4
Download  KL26P121M48SF4 Click to download

File Size   1825.17 Kbytes
Page   60 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Operating Characteristics Voltage range: 1.71 to 3.6 V

KL26P121M48SF4 Datasheet (HTML) - Freescale Semiconductor, Inc




Similar Part No. - KL26P121M48SF4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KL26P121M48SF4 NXP-KL26P121M48SF4 Datasheet
1Mb / 63P
Kinetis KL26 Sub-Family
Rev 5 08/2014
More results


Similar Description - KL26P121M48SF4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6851 PANASONIC-DN6851 Datasheet
25Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6853 PANASONIC-DN6853 Datasheet
24Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
logo
Freescale Semiconductor...
K10P81M100SF2 FREESCALE-K10P81M100SF2_11 Datasheet
1Mb / 64P
K10 Sub-Family Data Sheet Supports the following Flash write voltage range: 1.71 to 3.6 V
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20336H CYPRESS-CY8C20336H Datasheet
831Kb / 33P
Haptics Enabled CapSense Controller 1.71-V to 5.5-V operating range
logo
Freescale Semiconductor...
MKE02P64M20SF0 FREESCALE-MKE02P64M20SF0 Datasheet
1Mb / 36P
Operating characteristics : Flash write voltage range: 2.7 to 5.5 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com