Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2526 Datasheet (PDF) - Allegro MicroSystems

2526 Datasheet PDF - Allegro MicroSystems
Part # 2526
Download  2526 Download
File Size   220.26 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description USB DUAL POWER CONTROL SWITCHES

2526 Datasheet (PDF)

Go To PDF Page Download Datasheet
2526 Datasheet PDF - Allegro MicroSystems

Part # 2526
Download  2526 Click to download

File Size   220.26 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description USB DUAL POWER CONTROL SWITCHES

2526 Datasheet (HTML) - Allegro MicroSystems


2526 Product details

The A2526EL/M and A2536EL/M are integrated high-side dual power switches, optimized for self-powered and bus-powered Universal Serial Bus (USB) applications. Few external components are necessary to satisfy USB requirements. The A2526EL/EM ENABLE inputs are active high; the A2536EL/EM are active low.

Features
■ 2.7 V to 5.8 V Input
■ Up to 500 mA Continuous Load Current per Port
■ 140 mΩ Maximum ON-Resistance
■ 1.25 A Maximum Short-Circuit Current Limit
■ Individual Open-Drain Fault Flag Outputs
■ 125 µA Typical ON-State Supply Current
■ <1 µA Typical OFF-State Supply Current
■ Outputs Can be Forced Higher Than Input (off-state)
■ Thermal Shutdown
■ 2.2 V Typical Undervoltage Lockout
■ 0.6 ms Turn On (soft-start) and Fast Turn Off
■ A2526 (active-high) Improved Replacement for MIC2526-1
■ A2536 (active-low) Improved Replacement for MIC2526-2

Applications
■ USB Hosts and Self-Powered Hubs
■ USB Bus-Powered Hubs
■ Hot Plug-In Power Supplies
■ Battery-Charger Circuits




Similar Part No. - 2526

ManufacturerPart #DatasheetDescription
logo
Heyco.
2526 HEYCO-2526 Datasheet
91Kb / 1P
Feets of Strength
logo
Integrated Technology F...
252602B ITF-252602B Datasheet
201Kb / 5P
SAW Bandpass Filter
2006-07-15
252603B ITF-252603B Datasheet
201Kb / 5P
SAW Bandpass Filter
2006-07-21
252605B ITF-252605B Datasheet
190Kb / 5P
SAW Bandpass Filter
2008-10-30
252606B ITF-252606B Datasheet
165Kb / 2P
Typical 1dB bandwidth of 25.9 MHz
More results


Similar Description - 2526

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2525 ALLEGRO-2525 Datasheet
201Kb / 12P
USB POWER CONTROL SWITCHES
logo
Impala Linear Corporati...
ILC7526 IMPALA-ILC7526 Datasheet
62Kb / 6P
USB DUAL CONTROL SWITCHES
ILC7536 IMPALA-ILC7536 Datasheet
42Kb / 1P
USB DUAL POWER CONTROL SWITCHES
logo
List of Unclassifed Man...
CM2026 ETC-CM2026 Datasheet
255Kb / 7P
DUAL USB POWER CONTROL SWITCH
WT6621 ETC2-WT6621 Datasheet
149Kb / 15P
Dual USB Power Control Switch
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Linear Dimensions Semic...
LND3526H LINEAR_DIMENSIONS-LND3526H Datasheet
137Kb / 1P
DUAL USB POWER CONTROL SWITCH
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
USB Dual Power-Distribution Switches
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com