Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2525 Datasheet (PDF) - Allegro MicroSystems

2525 Datasheet PDF - Allegro MicroSystems
Part # 2525
Download  2525 Download
File Size   201.97 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description USB POWER CONTROL SWITCHES

2525 Datasheet (PDF)

Go To PDF Page Download Datasheet
2525 Datasheet PDF - Allegro MicroSystems

Part # 2525
Download  2525 Click to download

File Size   201.97 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description USB POWER CONTROL SWITCHES

2525 Datasheet (HTML) - Allegro MicroSystems


2525 Product details

The A2525EL/M and A2535EL/M are integrated high-side power switches, optimized for self-powered and bus-powered Universal Serial Bus (USB) applications. Few external components are necessary to satisfy USB requirements. The A2525EL/EM ENABLE inputs are active high; the A2535EL/EM are active low.

Features
■ 2.7 V to 5.8 V Input
■ Up to 500 mA Continuous Load Current per Port
■ 140 mΩ Maximum ON-Resistance
■ 1.25 A Maximum Short-Circuit Current Limit
■ Individual Open-Drain Fault Flag Outputs
■ 100 µA Typical ON-State Supply Current
■ <1 µA Typical OFF-State Supply Current
■ Outputs Can be Forced Higher Than Input (off-state)
■ Thermal Shutdown
■ 2.2 V Typical Undervoltage Lockout
■ 0.6 ms Turn On (soft-start) and Fast Turn Off
■ A2525 (active-high) Improved Replacement for MIC2525-1
■ A2535 (active-low) Improved Replacement for MIC2525-2

Applications
■ USB Hosts and Self-Powered Hubs
■ USB Bus-Powered Hubs
■ Hot Plug-In Power Supplies
■ Battery-Charger Circuits




Similar Part No. - 2525

ManufacturerPart #DatasheetDescription
logo
Heyco.
2525 HEYCO-2525 Datasheet
91Kb / 1P
Feets of Strength
logo
Belden Inc.
2525 BELDEN-2525 Datasheet
435Kb / 3P
Fast Ethernet Cat5e Data Single-Ended Cordset
logo
Intersil Corporation
2525-5Z INTERSIL-2525-5Z Datasheet
307Kb / 11P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
November 15, 2006
logo
Wurth Elektronik GmbH &...
2525020210002 WURTH-2525020210002 Datasheet
729Kb / 8P
WSEN-HIDS Humidity sensor with integrated temperature sensor
001.001
logo
Integrated Technology F...
252508B ITF-252508B Datasheet
172Kb / 2P
185.0 MHz SAW Filter
More results


Similar Description - 2525

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2526 ALLEGRO-2526 Datasheet
220Kb / 12P
USB DUAL POWER CONTROL SWITCHES
logo
Impala Linear Corporati...
ILC7526 IMPALA-ILC7526 Datasheet
62Kb / 6P
USB DUAL CONTROL SWITCHES
ILC7536 IMPALA-ILC7536 Datasheet
42Kb / 1P
USB DUAL POWER CONTROL SWITCHES
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
USB Power-Distribution Switches
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
USB Dual Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
USB Power-Distribution Switches
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com