Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2525 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2525
Description  USB POWER CONTROL SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2525 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2525 Datasheet HTML 1Page - Allegro MicroSystems 2525 Datasheet HTML 2Page - Allegro MicroSystems 2525 Datasheet HTML 3Page - Allegro MicroSystems 2525 Datasheet HTML 4Page - Allegro MicroSystems 2525 Datasheet HTML 5Page - Allegro MicroSystems 2525 Datasheet HTML 6Page - Allegro MicroSystems 2525 Datasheet HTML 7Page - Allegro MicroSystems 2525 Datasheet HTML 8Page - Allegro MicroSystems 2525 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2525 AND 2535
USB
POWER CONTROL
SWITCHES
2
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2000, Allegro MicroSystems, Inc.
A2535EM
Note that the A2535EM (DIP) and the
A2535EL (SOIC) are electrically identical and
share a common terminal number assignment.
50
75
100
125
150
2.5
0.5
0
AMBIENT TEMPERATURE IN
°C
2.0
1.5
1.0
25
Dwg. GP-009-2
SUFFIX 'L', RθJA = 108
°C/W
SUFFIX 'M', RθJA = 60
°C/W
1
2
3
45
6
7
8
EN
FLG
GND
NC
OUT
IN
NC
NC
Dwg. PP-070-1A
NC
NC
NC
CURRENT
LIMIT
GND
OUT
1.2 V
REF.
Dwg. FP-049
IN
FLG
EN
UVLO
TSD
CHARGE
PUMP
OSC
A2535 ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com