Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2525 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 2525
Description  USB POWER CONTROL SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2525 Datasheet(HTML) 3 Page - Allegro MicroSystems

  2525 Datasheet HTML 1Page - Allegro MicroSystems 2525 Datasheet HTML 2Page - Allegro MicroSystems 2525 Datasheet HTML 3Page - Allegro MicroSystems 2525 Datasheet HTML 4Page - Allegro MicroSystems 2525 Datasheet HTML 5Page - Allegro MicroSystems 2525 Datasheet HTML 6Page - Allegro MicroSystems 2525 Datasheet HTML 7Page - Allegro MicroSystems 2525 Datasheet HTML 8Page - Allegro MicroSystems 2525 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2525 AND 2535
USB
POWER CONTROL
SWITCHES
www.allegromicro.com
3
Electrical Characteristics at TA = 25°C, VIN = 5 V.
Limits
Parameter
Test Conditions
Min
Typ
Max
Units
Operating Voltage Range
VIN
2.7
–
5.8
V
Switch Resistance
VIN = 5 V, IOUT = 500 mA
–
100
140
m
Ω
VIN = 3.3 V, IOUT = 500 mA
–
100
140
m
Ω
Output Leakage Current
Output disabled, VIN = 5 V, VOUT = 0
–
<1.0
10
µA
Maximum Load Current
500
–
–
mA
Short-Circuit Current Limit
Output enabled into load, VOUT = 4 V
0.5
0.75
1.25
A
Current-Limit Threshold
Ramped load applied to enabled output, VOUT ≤ 4 V
–
0.9
–
A
ENABLE Input Threshold
Low-to-high transition
–
2.1
2.4
V
High-to-low transition
0.8
1.9
–
V
ENABLE Input Hysteresis
–
0.2
–
V
ENABLE Input Current
VEN = 0 V to 5.5 V
–
±0.01
±1.0
µA
ENABLE Input Cap.
–
1.0
–
pF
Output Turn-On Delay
RL = 10 Ω, CL = 1 µF, 50% VENABLE to 10% VOUT
–0.5
–
ms
Output Turn-On Rise Time
RL = 10 Ω, CL = 1 µF, 10% VOUT to 90% VOUT
–0.6
–
ms
Output Turn-Off Delay
RL = 10
Ω, CL = 1 µF, 50% VENABLE to 90% VOUT
–10
–
µs
Output Turn-Off Fall Time
RL = 10 Ω, CL = 1 µF, 90% VOUT to 10% VOUT
–25
–
µs
Error Flag Output
VIN = 5 V, IL = 10 mA
–
8.0
–
Ω
Resistance
VIN = 3.3 V, IL = 10 mA
–
10
–
Ω
Error Flag Off Current
VFLG = 5 V
–
0.01
–
µA
Supply Current
Switch disabled (see note), OUT = open
–
0.2
5.0
µA
Switch enabled (see note), OUT = open
–
100
160
µA
UVLO Threshold
Increasing VIN
–2.35
–
V
Decreasing VIN
–2.2
–
V
Over-Temperature
Increasing TJ
–
165
–
°C
Shutdown Threshold
Decreasing TJ
–
155
–
°C
Note — Disabled is
≤ 0.8 V and enabled is ≥ 2.4 V (active high) for the A2525EL/EM. Disabled is ≥ 0.8V
IN and enabled is ≤ 0.8 V
(active low) for the A2535EL/EM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com