Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F86K22EMRQTP Datasheet (PDF) - Microchip Technology

PIC18F86K22EMRQTP Datasheet PDF - Microchip Technology
Part # PIC18F86K22EMRQTP
Download  PIC18F86K22EMRQTP Download
File Size   4572.13 Kbytes
Page   550 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC18F87K22 Family Data Sheet

PIC18F86K22EMRQTP Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F86K22EMRQTP Datasheet PDF - Microchip Technology

Part # PIC18F86K22EMRQTP
Download  PIC18F86K22EMRQTP Click to download

File Size   4572.13 Kbytes
Page   550 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC18F87K22 Family Data Sheet

PIC18F86K22EMRQTP Datasheet (HTML) - Microchip Technology


PIC18F86K22EMRQTP Product details

DEVICE OVERVIEW
This document contains device-specific information for the following devices:

• PIC18F65K22 • PIC18F85K22
• PIC18F66K22 • PIC18F86K22
• PIC18F67K22 • PIC18F87K22

This family combines the traditional advantages of all PIC18 microcontrollers – namely, high computational performance and a rich feature set – with an extremely competitive price point. These features make the PIC18F87K22 family a logical choice for many high-performance applications where price is a primary consideration.

Low-Power Features:
• Power-Managed modes:
    - Run: CPU on, peripherals on
    - Idle: CPU off, peripherals on
    - Sleep: CPU off, peripherals off
• Two-Speed Oscillator Start-up
• Fail-Safe Clock Monitor
• Power-Saving Peripheral Module Disable (PMD)
• Ultra Low-Power Wake-up
• Fast Wake-up, 1 s Typical
• Low-Power WDT, 300 nA Typical
• Ultra Low 50 nA Input Leakage
• Run mode Currents Down to 5.5 A, Typical
• Idle mode Currents Down to 1.7 A Typical
• Sleep mode Currents Down to Very Low 20 nA, Typical
• RTCC Current Downs to Very Low 700 nA, Typical

Special Microcontroller Features:
• Operating Voltage Range: 1.8V to 5.5V
• On-Chip 3.3V Regulator
• Operating Speed up to 64 MHz
• Up to 128 Kbytes On-Chip Flash Program Memory
• Data EEPROM of 1,024 Bytes
• 4K x 8 General Purpose Registers (SRAM)
• 10,000 Erase/Write Cycle Flash Program Memory, Minimum
• 1,000,000 Erase/write Cycle Data EEPROM Memory, Typical
• Flash Retention: 40 Years, Minimum
• Three Internal Oscillators: LF-INTRC (31 kHz), MF-INTOSC (500 kHz) and HF-INTOSC (16 MHz)
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
    - Programmable period from 4 ms to 4,194s (about 70 minutes)
• In-Circuit Serial Programming™ (ICSP™) via Two Pins
• In-Circuit Debug via Two Pins
• Programmable:
    - BOR
    - LVD




Similar Part No. - PIC18F86K22EMRQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F86K22 MICROCHIP-PIC18F86K22 Datasheet
4Mb / 548P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
2010
PIC18F86K22 MICROCHIP-PIC18F86K22 Datasheet
4Mb / 550P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
More results


Similar Description - PIC18F86K22EMRQTP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
MachXO Family Data Sheet
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
LatticeXP Family Data Sheet
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
LatticeXP2 Family Data Sheet
logo
Freescale Semiconductor...
K10P144M120SF3 FREESCALE-K10P144M120SF3 Datasheet
1Mb / 75P
K10 Sub-Family Data Sheet
logo
Lattice Semiconductor
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
KL14 Sub-Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
Product family data sheet
Rev 11A
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
M68HC11E Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
MachXO2 Family Data Sheet
2010-2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com