Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2916 Datasheet (PDF) - Allegro MicroSystems

2916 Datasheet PDF - Allegro MicroSystems
Part # 2916
Download  2916 Download
File Size   1360.42 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DUAL FULL-BRIDGE PWM MOTOR DRIVER

2916 Datasheet (PDF)

Go To PDF Page Download Datasheet
2916 Datasheet PDF - Allegro MicroSystems

Part # 2916
Download  2916 Click to download

File Size   1360.42 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DUAL FULL-BRIDGE PWM MOTOR DRIVER

2916 Datasheet (HTML) - Allegro MicroSystems


2916 Product details

The UDN2916B, UDN2916EB, and UDN2916LB motor drivers are designed to drive both windings of a bipolar stepper motor or bidirectionally control two dc motors. Both bridges are capable of sustaining 45 V and include internal pulse-width modulation (PWM) control of the output current to 750 mA. The outputs have been optimized for a low output saturation voltage drop (less than 1.8 V total source plus sink at 500 mA).

For PWM current control, the maximum output current is determined by the user’s selection of a reference voltage and sensing resistor. Two logic-level inputs select output current limits of 0, 33, 67, or 100% of the maximum level. A PHASE input to each bridge determines load current direction.



FEATURES

■ 750 mA Continuous Output Current

■ 45 V Output Sustaining Voltage

■ Internal Clamp Diodes

■ Internal PWM Current Control

■ Low Output Saturation Voltage

■ Internal Thermal Shutdown Circuitry

■ Similar to Dual PBL3717, UC3770



 




Similar Part No. - 2916

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 10P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
KR Electronics, Inc.
2916 KR-2916 Datasheet
59Kb / 3P
1790 MHz Center Frequency
logo
PHOENIX CONTACT
2916053 PHOENIX-2916053 Datasheet
45Kb / 2P
Connector set - IB IL 24 SDO 4/4-PLSET/CP
logo
Cornell Dubilier Electr...
29160B101JO0 CDE-29160B101JO0 Datasheet
208Kb / 5P
High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
29160B101JO0 CDE-29160B101JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
More results


Similar Description - 2916

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8412 TI-DRV8412 Datasheet
1Mb / 28P
Dual Full Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com