Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3961 Datasheet (PDF) - Allegro MicroSystems

3961 Datasheet PDF - Allegro MicroSystems
Part # 3961
Download  3961 Download
File Size   91.23 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DUAL FULL-BRIDGE PWM MOTOR DRIVER

3961 Datasheet (PDF)

Go To PDF Page Download Datasheet
3961 Datasheet PDF - Allegro MicroSystems

Part # 3961
Download  3961 Click to download

File Size   91.23 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DUAL FULL-BRIDGE PWM MOTOR DRIVER

3961 Datasheet (HTML) - Allegro MicroSystems


3961 Product details

Designed for pulse-width modulated (PWM) current control of bipolar stepper motors, the A3961S— is capable of continuous output currents to ±800 mA and operating voltages to 45 V. Internal fixed off-time PWM current-control circuitry can be used to regulate the maximum load current to a desired value. An internal precision voltage reference is provided to improve motor peak current control accuracy. The peak load current limit is set by the user’s selection of an external resistor divider and current-sensing resistors.

FEATURES
■ ±800 mA Continuous Output Current Rating
■ 45 V Output Voltage Rating
■ Internal PWM Current Control, Saturated Sink Drivers
■ Internally Generated Precision 2.5 V Reference
■ Internal Transient-Suppression Diodes
■ Internal Thermal-Shutdown Circuitry
■ Crossover-Current Protection, UVLO Protection




Similar Part No. - 3961

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3961 ADAFRUIT-3961 Datasheet
158Kb / 2P
Conductive Nylon Fabric Tape - 5mm Wide x 10 meters long
10-29-18
logo
Littelfuse
39611000000 LITTELFUSE-39611000000 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
39611000440 LITTELFUSE-39611000440 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
39611250000 LITTELFUSE-39611250000 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
39611250440 LITTELFUSE-39611250440 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
More results


Similar Description - 3961

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8412 TI-DRV8412 Datasheet
1Mb / 28P
Dual Full Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com