Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7173-8 Datasheet (PDF) - Analog Devices

AD7173-8 Datasheet PDF - Analog Devices
Part # AD7173-8
Download  AD7173-8 Download
File Size   1089.93 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC

AD7173-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7173-8 Datasheet PDF - Analog Devices

Part # AD7173-8
Download  AD7173-8 Click to download

File Size   1089.93 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC

AD7173-8 Datasheet (HTML) - Analog Devices


AD7173-8 Product details

GENERAL DESCRIPTION
Fast settling, highly accurate, low power, 8-/16-channel, multiplexed ADC for low bandwidth input signals with integrated input buffers.
Integrated precision, 2.5 V, low drift (3.5 ppm/°C), band gap reference and integrated oscillator.

FEATURES
    Low power, 8-/16-channel, highly integrated multiplexed analog-to-digital converter (ADC)
    Integration
        Precision analog input buffers and reference input buffers
        2.5 V precision reference (3.5 ppm/°C)
        Cross point multiplexer (enable system diagnostic)
        8 full differential or 16 single-ended channels
        Clock oscillator
        GPIO and GPO pins with automatic external mux control
    Fast and flexible output rate: 1.25 SPS to 31.25 kSPS
    Channel scan data rate: 6.21 kSPS/channel (161 µs settling)
    Performance specifications
        17.5 noise free bits at 31.25 kSPS
        24 noise free bits at 1.25 SPS
        INL: ±3 ppm/FSR
    85 dB rejection of 50 Hz and 60 Hz with 50 ms settling
    Operates with either 3.3 V or5 V supply
        Single supply
            3.3 V or 5 V AVDD1, 2 V to 5 V AVDD2, and 2 V to 5 V IOVDD
        Optional split supply
            AVDD1 and AVSS ± 2.5 V or AVDD1 and AVSS ± 1.65 V
        Current: 1.4 mA
    3-/4-wire serial digital interface (Schmitt trigger on SCLK) CRC error checking SPI, QSPI, MICROWIRE, and DSP compatible
    Package: 40-lead 6 mm × 6 mm LFCSP
    Temperature range: −40°C to +105°C

APPLICATIONS
    Process control: PLC/DCS modules
        Voltage, current, temperature, and pressure measurement Flow meters
    Medical and scientific multichannel instrumentation
    Seismic instrumentation
    Chemical analysis instrumentation: chromatography




Similar Part No. - AD7173-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
12-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Similar Description - AD7173-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV.0
AD7787 AD-AD7787 Datasheet
326Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
4/04-Revision 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
REV. A
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD4114 AD-AD4114 Datasheet
549Kb / 49P
Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
7/2020-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com