Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2323 Datasheet (PDF) - Analog Devices

ADP2323 Datasheet PDF - Analog Devices
Part # ADP2323
Download  ADP2323 Download
File Size   2112.52 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET

ADP2323 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2323 Datasheet PDF - Analog Devices

Part # ADP2323
Download  ADP2323 Click to download

File Size   2112.52 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET

ADP2323 Datasheet (HTML) - Analog Devices


ADP2323 Product details

GENERAL DESCRIPTION
The ADP2323 is a full featured, dual output, step-down dc-to-dc regulator based on current-mode architecture. The ADP2323 integrates two high-side power MOSFETs and two low-side drivers for the external N-channel MOSFETs. The two pulse-width mod ulation (PWM) channels can be configured to deliver dual 3 A outputs or a parallel-to-single 6 A output. The regulator operates from input voltages of 4.5 V to 20 V, and the output voltage can be as low as 0.6 V.

FEATURES
   Input voltage: 4.5 V to 20 V
   ±1% output accuracy
   Integrated 90 mΩ typical high-side MOSFET
   Flexible output configuration
      Dual output: 3 A/3 A
      Parallel single output: 6 A
   Programmable switching frequency: 250 kHz to 1.2 MHz
   External synchronization input with programmable phase
      shift, or internal clock output
   Selectable PWM or PFM mode operation
   Adjustable current limit for small inductor
   External compensation and soft start
   Startup into precharged output
   Supported by ADIsimPower™ design tool

APPLICATIONS
   Communications infrastructure
   Networking and servers
   Industrial and instrumentation
   Healthcare and medical
   Intermediate power rail conversion
   DC-to-dc point of load applications




Similar Part No. - ADP2323

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2323 AD-ADP2323 Datasheet
976Kb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323-EVALZ AD-ADP2323-EVALZ Datasheet
976Kb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results


Similar Description - ADP2323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
3-A Step-Down Regulator with Integrated Switcher
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
logo
Analog Devices
ADP2380 AD-ADP2380 Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
logo
Texas Instruments
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
3-A Step-Down Regulator with Integrated Switcher
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
3-A Step-Down Regulator with Integrated Switcher
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com