Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252-2 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

TO-252-2 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # TO-252-2
Download  TO-252-2 Download
File Size   171.16 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

TO-252-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TO-252-2 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # TO-252-2
Download  TO-252-2 Click to download

File Size   171.16 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

TO-252-2 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


TO-252-2 Product details

FEATURES
  Power dissipation
     PCM: 1 W (Tamb=25℃)
  Collector current
     ICM: 3 A
  Collector-base voltage
     V(BR)CBO: 60 V
  Operating and storage junction temperature range
     TJ, Tstg: -55℃ to +150℃




Similar Part No. - TO-252-2

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
TO-252-2 AME-TO-252-2 Datasheet
39Kb / 1P
A : MIN 0.43 MAX 0.58 B : MIN 1.60 MAX 1.95
logo
SHENZHEN YONGERJIA INDU...
TO-252-2 WINNERJOIN-TO-252-2 Datasheet
130Kb / 2P
TRANSISTOR (NPN)
TO-252-2 WINNERJOIN-TO-252-2 Datasheet
123Kb / 1P
TRANSISTOR (PNP)
TO-252-2 WINNERJOIN-TO-252-2 Datasheet
109Kb / 2P
TO-251/TO-252-2 Plastic-Encapsulate Transistors
logo
Nanjing International G...
TO-252-2L DGNJDZ-TO-252-2L Datasheet
616Kb / 2P
T O-251-3L/TO-252-2L Plastic-Encapsulate Regulators
More results


Similar Description - TO-252-2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com