Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252-2 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # TO-252-2
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

TO-252-2 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  TO-252-2 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD TO-252-2 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SD1802 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
1
W (Tamb=25
℃)
Collector current
ICM:
3
A
Collector-base voltage
V(BR)CBO:
60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
10µAµ, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
1mA, IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=40V, IE=0
1
µA
Emitter cut-off current
IEBO
VEB=4V, IC=0
1
µA
hFE(1)
VCE=2V, IC=100mA
100
560
DC current gain
hFE(2)
VCE=2V, IC=3A
35
Collector-emitter saturation voltage
VCE(sat)
IC=2A, IB=100mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=2A, IB=100mA
1.2
V
Transition frequency
fT
VCE=10V, IC=50mA
150
MHz
Collector output capacitance
Cob
VCB=10V, IE=0,f=1MHz
25
pF
Turn-off time
ton
70
Fall time
tf
650
Storage time
ts
Vcc=25V, Ic=1A
IB1=-IB2=0.1A
35
nS
CLASSIFICATION OF hFE(1)
Rank
R
S
T
U
Range
100-200
140-280
200-400
280-560
Marking
TO-251
TO-252-2
1. BASE
2. COLLECTOR
3. EMITTER
0. 51¡ À
0. 10
0. 51¡ À
0. 05
0¡ «
0. 10
2. 30¡ À
0. 10
6. 50¡ À
0. 15
5. 30¡ À
0. 10
0. 60¡ À
0. 10
0. 80¡ À
0. 10
2. 30¡ À
0. 10
2. 30¡ À
0. 10
1. 20
¡«
9¡ ã
0. 51
0¡ ã
5¡ ã
5¡ ã
5¡ ã
1. 20
0. 5 1¡ À
0. 03
5¡ ã
2. 3 0¡ À
0. 05
2. 3 0¡ À
0. 0 5
0. 80¡ À
0. 0 5
0. 6 0¡ À
0. 0 5
5. 3 0¡ À
0. 05
6. 5 0¡ À
0. 10
0. 51 ¡ À
0. 03
2 . 30¡ À
0. 05
5¡ ã
5¡ ã
1 2 3
2SD1802
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - TO-252-2

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
TO-252-2 AME-TO-252-2 Datasheet
39Kb / 1P
A : MIN 0.43 MAX 0.58 B : MIN 1.60 MAX 1.95
logo
SHENZHEN YONGERJIA INDU...
TO-252-2 WINNERJOIN-TO-252-2 Datasheet
130Kb / 2P
TRANSISTOR (NPN)
TO-252-2 WINNERJOIN-TO-252-2 Datasheet
123Kb / 1P
TRANSISTOR (PNP)
TO-252-2 WINNERJOIN-TO-252-2 Datasheet
109Kb / 2P
TO-251/TO-252-2 Plastic-Encapsulate Transistors
logo
Nanjing International G...
TO-252-2L DGNJDZ-TO-252-2L Datasheet
616Kb / 2P
T O-251-3L/TO-252-2L Plastic-Encapsulate Regulators
More results

Similar Description - TO-252-2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com