Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3625 Datasheet (PDF) - Allegro MicroSystems

3625 Datasheet PDF - Allegro MicroSystems
Part # 3625
Download  3625 Download
File Size   145.91 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS

3625 Datasheet (PDF)

Go To PDF Page Download Datasheet
3625 Datasheet PDF - Allegro MicroSystems

Part # 3625
Download  3625 Click to download

File Size   145.91 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS

3625 Datasheet (HTML) - Allegro MicroSystems


3625 Product details

RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION

The A3515– and A3516– are sensitive, temperature-stable linear Hall effect sensors with greatly improved offset characteristics. Ratiometric, linear Hall-effect sensors provide a voltage output that is proportional to the applied magnetic field and have a quiescent output voltage that is approximately 50% of the supply voltage.

FEATURES
■ Temperature-Stable Quiescent Output Voltage
■ Precise Recoverability After Temperature Cycling
■ Output Voltage Proportional to Applied Magnetic Field
■ Ratiometric Rail-to-Rail Output
■ Improved Sensitivity
■ 4.5 V to 5.5 V Operation
■ Immune to Mechanical Stress
■ Small Package Size
■ Solid-State Reliability




Similar Part No. - 3625

ManufacturerPart #DatasheetDescription
logo
Lumberg
3625 LUMBERG-3625 Datasheet
107Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
logo
3M Electronics
3625 3M-3625 Datasheet
830Kb / 6P
3M??Round Conductor Flat Cable
logo
Lumberg
3625 LUMBERG-3625 Datasheet
451Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Heyco.
3625 HEYCO-3625 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
More results


Similar Description - 3625

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1670M SANYO-LB1670M Datasheet
129Kb / 5P
Driver for Brushless, Sensorless Motors
logo
Texas Instruments
UC1620 TI-UC1620 Datasheet
304Kb / 8P
Switchmode Driver for 3-횈 Brushless DC Motors
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
H-Bridge Motor Drivers For DC Brush Motors
logo
List of Unclassifed Man...
ATAVRMC100 ETC2-ATAVRMC100 Datasheet
134Kb / 2P
EVALUATE AND DESIGN BRUSHLESS DC MOTORS APPLICATIONS
logo
Copal Electronics
F455B COPAL-F455B Datasheet
81Kb / 2P
BRUSHLESS DC SIDE FLOW FAN MOTORS
logo
Toshiba Semiconductor
TC78B015AFTG TOSHIBA-TC78B015AFTG Datasheet
603Kb / 31P
3-phase Driver for Brushless DC Motors
2017-02-01
TC78B015BFTG TOSHIBA-TC78B015BFTG Datasheet
627Kb / 29P
3-phase Driver for Brushless DC Motors
2016-12-26
TC78B015CFTG TOSHIBA-TC78B015CFTG Datasheet
627Kb / 29P
3-phase Driver for Brushless DC Motors
2016-12-26
TC78B015FTG TOSHIBA-TC78B015FTG Datasheet
596Kb / 31P
3-phase Driver for Brushless DC Motors
2017-02-01
logo
Leadshine Technology Co...
BLM LEADSHINE-BLM Datasheet
1Mb / 4P
BLM Series Brushless DC Servo Motors
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com