Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3625 Datasheet (PDF) - 3M Electronics

3625 Datasheet PDF - 3M Electronics
Part # 3625
Download  3625 Download
File Size   830.88 Kbytes
Page   6 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Round Conductor Flat Cable

3625 Datasheet (PDF)

Go To PDF Page Download Datasheet
3625 Datasheet PDF - 3M Electronics

Part # 3625
Download  3625 Click to download

File Size   830.88 Kbytes
Page   6 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Round Conductor Flat Cable

3625 Datasheet (HTML) - 3M Electronics


3625 Product details

Features
■ 89 Ω
■ 146 Ω
■ Capacitance: 54.5 pF/m [ 16.6 pF/ft ]
■ 32.2 pF/m [ 9.8 pF/ft ] Inductance: 0.43 μH/m [ 0.14 μH/ft ] 0.68 μH/m [ 0.21 μH/ft ]
■ Propagation Delay: 4.86 ns/m [ 1.48 ns/ft ]
■ 4.69 ns/m [ 1.43 ns/ft ]
■ Velocity of Propagation: 69%
■ 71%




Similar Part No. - 3625

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
145Kb / 8P
POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
logo
Lumberg
3625 LUMBERG-3625 Datasheet
107Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3625 LUMBERG-3625 Datasheet
451Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Heyco.
3625 HEYCO-3625 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
More results


Similar Description - 3625

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3754 3M-3754 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
HF625 3M-HF625 Datasheet
917Kb / 3P
3M™ Round Conductor Flat Cable
03-Dec-2010
79100-075-4F1 3M-79100-075-4F1 Datasheet
821Kb / 3P
3M™ Round Conductor Flat Cable for Link Connector
22-Jul-2010
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
07-May-2009
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
07-May-2009
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
3M™ Round Conductor Flat Cable
01-Nov-2013
3609 3M-3609_V01 Datasheet
848Kb / 3P
3M™ Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com