Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3625 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3625
Description  3M™ Round Conductor Flat Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3625 Datasheet(HTML) 1 Page - 3M Electronics

  3625 Datasheet HTML 1Page - 3M Electronics 3625 Datasheet HTML 2Page - 3M Electronics 3625 Datasheet HTML 3Page - 3M Electronics 3625 Datasheet HTML 4Page - 3M Electronics 3625 Datasheet HTML 5Page - 3M Electronics 3625 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MRound Conductor Flat Cable
1.0 mm 28 AWG Stranded, PVC
3625 Series
• 28 AWG stranded conductors on 1 mm wire spacing
is designed for mass termination to metric connectors
• Stranded wire provides flexibility and extended
product life
• Zippable for branching or discrete termination
• See Regulatory Information Appendix (RIA) for
chemical compliance information
(RIA E1 & C1 apply)
Date Modified: May 13, 2009
TS-0452-B
Sheet 1 of 2
Physical
Insulation:
Material: Polyvinyl Chloride (PVC)
Color: Gray
Marking:
Standard: None
Canadian Option:
AWM 2651 105C 300V VW1 3M NU C
AWM IA 105C 300V FT1 EU <50V
Conductors: 28 AWG, 7 × 36 AWG [ 7 × Ø 0.127 ] Tinned Stranded Copper
Electrical
Voltage Rating: USA: 300V
Canada: 300V
EU: <50V
Insulation Resistance: (Primary Cable) > 1 × 1010 Ω/10 ft. [ 3 m ]
Characteristic Impedance: Unbalanced
Balanced
89 Ω
146 Ω
Capacitance: 54.5 pF/m [ 16.6 pF/ft ]
32.2 pF/m [ 9.8 pF/ft ]
Inductance: 0.43 μH/m [ 0.14 μH/ft ] 0.68 μH/m [ 0.21 μH/ft ]
Propagation Delay: 4.86 ns/m [ 1.48 ns/ft ]
4.69 ns/m [ 1.43 ns/ft ]
Velocity of Propagation: 69%
71%
Note: Unbalanced is measured between ground-signal-ground conductors. Balanced is measured between signal conductors within a pair.
Environmental
Temperature Rating: -20°C to +105°C
Flammability Rating: USA: VW-1
Canada: FT1
UL File No.: E42769, Style No: 2651


Similar Part No. - 3625

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
145Kb / 8P
POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
logo
Lumberg
3625 LUMBERG-3625 Datasheet
107Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3625 LUMBERG-3625 Datasheet
451Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Heyco.
3625 HEYCO-3625 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
More results

Similar Description - 3625

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3754 3M-3754 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
HF625 3M-HF625 Datasheet
917Kb / 3P
3M??Round Conductor Flat Cable
79100-075-4F1 3M-79100-075-4F1 Datasheet
821Kb / 3P
3M™ Round Conductor Flat Cable for Link Connector
22-Jul-2010
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
07-May-2009
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M??Round Conductor Flat Cable
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
3M??Round Conductor Flat Cable
3609 3M-3609_V01 Datasheet
848Kb / 3P
3M??Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com