Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5140 Datasheet (PDF) - Allegro MicroSystems

5140 Datasheet PDF - Allegro MicroSystems
Part # 5140
Download  5140 Download
File Size   75.83 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description PROTECTED POWERHALL SENSOR LAMP/SOLENOID DRIVER

5140 Datasheet (PDF)

Go To PDF Page Download Datasheet
5140 Datasheet PDF - Allegro MicroSystems

Part # 5140
Download  5140 Click to download

File Size   75.83 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description PROTECTED POWERHALL SENSOR LAMP/SOLENOID DRIVER

5140 Datasheet (HTML) - Allegro MicroSystems


5140 Product details

RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION

The A3515– and A3516– are sensitive, temperature-stable linear Hall effect sensors with greatly improved offset characteristics. Ratiometric, linear Hall-effect sensors provide a voltage output that is proportional to the applied magnetic field and have a quiescent output voltage that is approximately 50% of the supply voltage.

FEATURES
■ Temperature-Stable Quiescent Output Voltage
■ Precise Recoverability After Temperature Cycling
■ Output Voltage Proportional to Applied Magnetic Field
■ Ratiometric Rail-to-Rail Output
■ Improved Sensitivity
■ 4.5 V to 5.5 V Operation
■ Immune to Mechanical Stress
■ Small Package Size
■ Solid-State Reliability




Similar Part No. - 5140

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5140 3M-5140 Datasheet
38Kb / 2P
DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
14-Aug-2016
logo
Allegro MicroSystems
5140 ALLEGRO-5140 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
ETAL Group
5140-G ETAL-5140-G Datasheet
236Kb / 4P
Land vehicles, aircraft, watercraft, special vehicles
logo
E-T-A Elektrotechnische...
5140-G133-J1M1-M6S0TN-20A E-T-A-5140-G133-J1M1-M6S0TN-20A Datasheet
232Kb / 3P
High Performance Thermal Circuit Breaker 5140
5140-G133-J1M1-M6S0TN-25A E-T-A-5140-G133-J1M1-M6S0TN-25A Datasheet
232Kb / 3P
High Performance Thermal Circuit Breaker 5140
More results


Similar Description - 5140

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
145Kb / 8P
POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
logo
Maxim Integrated Produc...
MAX4990E MAXIM-MAX4990E Datasheet
221Kb / 15P
High-Voltage, 짹15kV ESD-Protected Electroluminescent Lamp Driver
Rev 0; 8/07
MAX4990 MAXIM-MAX4990 Datasheet
200Kb / 16P
High-Voltage, 짹15kV ESD-Protected Electroluminescent Lamp Driver
19-0886; Rev 1; 11/07
logo
Pepperl+Fuchs Inc.
HIC2873 PF-HIC2873 Datasheet
733Kb / 5P
Solenoid Driver
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
KCD2-SLD-EX1.1065 PF-KCD2-SLD-EX1.1065 Datasheet
1Mb / 5P
Solenoid Driver
KFD2-SLD-EX1.13100 PF-KFD2-SLD-EX1.13100 Datasheet
1Mb / 6P
Solenoid Driver
2021-11-25
KFD2-VM-EX1.35.L PF-KFD2-VM-EX1.35.L Datasheet
1Mb / 4P
Solenoid Driver
2021-11-25
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com