Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1482 Datasheet (PDF) - Monolithic Power Systems

MP1482 Datasheet PDF - Monolithic Power Systems
Part # MP1482
Download  MP1482 Download
File Size   291.3 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 18V Synchronous Rectified Step-Down Converter

MP1482 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1482 Datasheet PDF - Monolithic Power Systems

Part # MP1482
Download  MP1482 Click to download

File Size   291.3 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 18V Synchronous Rectified Step-Down Converter

MP1482 Datasheet (HTML) - Monolithic Power Systems


MP1482 Product details

DESCRIPTION
The MP1482 is a monolithic synchronous buck regulator. The device integrates two 130mΩ MOSFETs, and provides 2A of continuous load current over a wide input voltage of 4.75V to 18V. Current mode control provides fast transient response and cycle-by-cycle current limit.

FEATURES
• 2A Output Current
• Wide 4.75V to 18V Operating Input Range
• Integrated 130mΩ Power MOSFET Switches
• Output Adjustable from 0.923V to 15V
• Up to 93% Efficiency
• Programmable Soft-Start
• Stable with Low ESR Ceramic Output Capacitors
• Fixed 340kHz Frequency
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout
• 8–Pin SOIC

APPLICATIONS
• Distributed Power Systems
• Networking Systems
• FPGA, DSP, ASIC Power Supplies
• Green Electronics/ Appliances
• Notebook Computers




Similar Part No. - MP1482

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
MP1482DS ARTSCHIP-MP1482DS Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
More results


Similar Description - MP1482

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
MP29296 MPS-MP29296 Datasheet
301Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
2A, 18V Synchronous Rectified Step-Down Converter
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
2A, 23V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482A UTC-P1482A Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com