Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1482 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1482
Description  2A, 18V Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1482 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1482 Datasheet HTML 1Page - Monolithic Power Systems MP1482 Datasheet HTML 2Page - Monolithic Power Systems MP1482 Datasheet HTML 3Page - Monolithic Power Systems MP1482 Datasheet HTML 4Page - Monolithic Power Systems MP1482 Datasheet HTML 5Page - Monolithic Power Systems MP1482 Datasheet HTML 6Page - Monolithic Power Systems MP1482 Datasheet HTML 7Page - Monolithic Power Systems MP1482 Datasheet HTML 8Page - Monolithic Power Systems MP1482 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP1482 – 2A, 18V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP1482 Rev. 1.31
www.MonolithicPower.com
2
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP1482DS*
SOIC8
MP1482DS
-40
C to +85C
* For Tape & Reel, add suffix –Z (e.g. MP1482DS–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP1482DS–LF–Z)
PACKAGE REFERENCE
BS
IN
SW
GND
SS
EN
COMP
FB
1
2
3
4
8
7
6
5
TOP VIEW
SOIC8
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN ........................-0.3V to +20V
Switch Node Voltage VSW ............................ 21V
Boost Voltage VBS ..........VSW – 0.3V to VSW + 6V
All Other Pins..................................-0.3V to +6V
Junction Temperature...............................150°C
Continuous Power Dissipation
(TA = +25°C)
(2)
SOIC8……………………………………….1.38W
Lead Temperature ....................................260°C
Storage Temperature .............. -65°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage VIN ............................4.75V to 18V
Output Voltage VOUT.....................0.923V to 15V
Operating Junct. Temp (TJ)........-40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8..................................... 90 ...... 45...
C/W
Notes:
1) Exceeding these ratings may damage the device
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any
ambient
temperature
is
calculated
by
PD(MAX)=(TJ(MAX)-TA)/
θJA. Exceeding the maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage..
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com