Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7003 Datasheet (PDF) - Allegro MicroSystems

7003 Datasheet PDF - Allegro MicroSystems
Part # 7003
Download  7003 Download
File Size   144.48 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY

7003 Datasheet (PDF)

Go To PDF Page Download Datasheet
7003 Datasheet PDF - Allegro MicroSystems

Part # 7003
Download  7003 Click to download

File Size   144.48 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY

7003 Datasheet (HTML) - Allegro MicroSystems


7003 Product details

Integrating seven high-voltage, high-current npn Darlingtons into a monolithic power array, the ULN7003A AND ULN7003LW are designed for interfacing between TTL or CMOS logic and a variety of peripheral loads. The seven open-collector Darlington outputs are specified for 135 V minimum breakdown and 90 V minimum sustain ing. Included are integral power diodes for switching inductive loads. Typical applications include relays, lamps, print heads and hammers, solenoids, and level shifting to power discretes.



FEATURES

■135 V Minimum Output Breakdown

■90 V Minimum Sustaining Voltage

■300 mA Output Current

■Internal High-Current Clamp Diodes

■Logic-Compatible Inputs




Similar Part No. - 7003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7003 STMICROELECTRONICS-7003 Datasheet
221Kb / 9P
TRI-BAND GSM/DCS/PCS LNA
22-Jan-2002
logo
Bourns Electronic Solut...
7003 BOURNS-7003 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
API Technologies Corp
7003 APITECH-7003 Datasheet
488Kb / 1P
Inside DC Block
logo
ASSUN MOTOR Pte Ltd.
7003 ASSUN-7003 Datasheet
1Mb / 1P
Graphite Brush
2024-A
logo
Mitutoyo America Corpor...
7003 MITUTOYO-7003 Datasheet
88Kb / 1P
STANDS & WORKHOLDINGS
More results


Similar Description - 7003

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
High-Voltage, High- Current Darlington Transistor Array
logo
Micrel Semiconductor
MIC2803 MICREL-MIC2803 Datasheet
29Kb / 3P
High-Voltage High-Current Darlington Array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Rohm
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
logo
Texas Instruments
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
High-Voltage, High-Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2012 UTC-ULN2012 Datasheet
186Kb / 6P
HIGH VOLTAGE HIGH CURRENT DARLINGTON ARRAY
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com