Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7003 Datasheet (PDF) - STMicroelectronics

7003 Datasheet PDF - STMicroelectronics
Part # 7003
Download  7003 Download
File Size   221.44 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRI-BAND GSM/DCS/PCS LNA

7003 Datasheet (PDF)

Go To PDF Page Download Datasheet
7003 Datasheet PDF - STMicroelectronics

Part # 7003
Download  7003 Click to download

File Size   221.44 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRI-BAND GSM/DCS/PCS LNA

7003 Datasheet (HTML) - STMicroelectronics


7003 Product details

DESCRIPTION
The STB7003 is a tri-band LNA designed for GSM/DCS/ PCS applications. The GC pin sets the LNA gain levels. The innovative architecture implemented allows to reach very low current consumption. LNA1 works at 0.9-1.0 GHz and LNA2 over the 1.8-2GHz frequency range.

• SUPPLY VOLTAGE 2.8V
• LOW CURRENT CONSUMPTION
• VERY LOW NOISE FIGURE:
   NF=1.5dB @ 950MHz
   NF=1.9dB @ 1850MHz
   NF=2dB @ 1950MHz
• DIGITAL GAIN CONTROL

APPLICATIONS
   TRI-BAND GSM/DCS/PCS FRONT-ENDS




Similar Part No. - 7003

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
7003 ALLEGRO-7003 Datasheet
144Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
logo
Bourns Electronic Solut...
7003 BOURNS-7003 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
API Technologies Corp
7003 APITECH-7003 Datasheet
488Kb / 1P
Inside DC Block
logo
ASSUN MOTOR Pte Ltd.
7003 ASSUN-7003 Datasheet
1Mb / 1P
Graphite Brush
2024-A
logo
Mitutoyo America Corpor...
7003 MITUTOYO-7003 Datasheet
88Kb / 1P
STANDS & WORKHOLDINGS
More results


Similar Description - 7003

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
GSM/DCS/PCS power amplifier
2000 Nov 28
UAA3535HL PHILIPS-UAA3535HL Datasheet
118Kb / 24P
Low power GSM/DCS/PCS multi-band transceiver
2000 Feb 17
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_1 Datasheet
367Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P0T WALSIN-RFCPL1608070P0T Datasheet
538Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P1T WALSIN-RFCPL1608070P1T Datasheet
538Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com