Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7003 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 7003
Description  TRI-BAND GSM/DCS/PCS LNA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7003 Datasheet(HTML) 4 Page - STMicroelectronics

  7003 Datasheet HTML 1Page - STMicroelectronics 7003 Datasheet HTML 2Page - STMicroelectronics 7003 Datasheet HTML 3Page - STMicroelectronics 7003 Datasheet HTML 4Page - STMicroelectronics 7003 Datasheet HTML 5Page - STMicroelectronics 7003 Datasheet HTML 6Page - STMicroelectronics 7003 Datasheet HTML 7Page - STMicroelectronics 7003 Datasheet HTML 8Page - STMicroelectronics 7003 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STB7003
4/9
TYPICAL PERFORMANCE (GSM BAND)
Power Gain vs. Frequency
Noise Figure vs. Frequency
920
930
940
950
960
970
Frequency (MHz)
1
2
3
4
5
6
7
Low Gain
High Gain
Power Gain vs. Frequency
-5
0
5
10
15
20
800
820
840
860
880
900
920
940
960
980 1000
High Gain
Low Gain
FREQUENCY (MHz)
Output Return Loss vs. Frequency
-25
-20
-15
-10
-5
0
800
820
840
860
880
900
920
940
960
980 1000
FREQUENCY (MHz)
High Gain
Low Gain
Input Return Loss vs. Frequency
-14
-12
-10
-8
-6
-4
-2
0
800
820
840
860
880
900
920
940
960
980
1000
FREQUENCY (MHz)
0
Low Gain
HIgh Gain
Reverse Isolation vs. Frequency
-48
-47
-46
-45
-44
-43
-42
-41
-40
800
820
840
860
880
900
920
940
960
980 1000
FREQUENCY (MHz)
HIgh Gain
Low Gain



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com