Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7003 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 7003
Description  TRI-BAND GSM/DCS/PCS LNA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7003 Datasheet(HTML) 3 Page - STMicroelectronics

  7003 Datasheet HTML 1Page - STMicroelectronics 7003 Datasheet HTML 2Page - STMicroelectronics 7003 Datasheet HTML 3Page - STMicroelectronics 7003 Datasheet HTML 4Page - STMicroelectronics 7003 Datasheet HTML 5Page - STMicroelectronics 7003 Datasheet HTML 6Page - STMicroelectronics 7003 Datasheet HTML 7Page - STMicroelectronics 7003 Datasheet HTML 8Page - STMicroelectronics 7003 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STB7003
GAIN SELECTION
PINOUT
BSW
GC
GSM
LNA1
DCS/PCS
LNA2
0
0
High gain
Off
0
1
Low gain
Off
1
0
Off
High gain
1
1
Off
Low gain
Pin Number
Symbol
Description
1
PD
Power down
2
AI1
GSM LNA1 input
3
GND
Ground
4
AI2
DCS/PCSl LNA2 input
5
BSW
Band switch between GSM and DCS/PCS RF output
6
VccDCS
DCS Supply voltage
7
AO2
DCS/PCS LNA2 output
8
VccGSM
GSM/BiAS Supply voltage
9
AO1
GSM LNA1 output
10
GC
LNA1/2 gain control



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com