Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7003 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 7003
Description  TRI-BAND GSM/DCS/PCS LNA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7003 Datasheet(HTML) 1 Page - STMicroelectronics

  7003 Datasheet HTML 1Page - STMicroelectronics 7003 Datasheet HTML 2Page - STMicroelectronics 7003 Datasheet HTML 3Page - STMicroelectronics 7003 Datasheet HTML 4Page - STMicroelectronics 7003 Datasheet HTML 5Page - STMicroelectronics 7003 Datasheet HTML 6Page - STMicroelectronics 7003 Datasheet HTML 7Page - STMicroelectronics 7003 Datasheet HTML 8Page - STMicroelectronics 7003 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
January, 22 2002
STB7003
TRI-BAND GSM/DCS/PCS LNA
MSOP10-EP
(exposed pad)
ORDER CODE
STB7003
BRANDING
7003
• SUPPLY VOLTAGE 2.8V
• LOW CURRENT CONSUMPTION
• VERY LOW NOISE FIGURE:
NF=1.5dB @ 950MHz
NF=1.9dB @ 1850MHz
NF=2dB @ 1950MHz
• DIGITAL GAIN CONTROL
APPLICATIONS
TRI-BAND GSM/DCS/PCS FRONT-ENDS
DESCRIPTION
The STB7003 is a tri-band LNA designed for GSM/DCS/
PCS applications. The GC pin sets the LNA gain levels.
The innovative architecture implemented allows to
reach very low current consumption. LNA1 works at
0.9-1.0 GHz and LNA2 over the 1.8-2GHz frequency
range.
FUNCTIONAL BLOCK DIAGRAM
GC
LNA2
LNA1
AO2
VccGSM
AO1
VccDCS
PD
AI2
GND
AI1
BSW
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
Vcc
Supply voltage
4.5
V
Tj
Junction temperature
150
oC
Tstg
Storage temperature
-40 to +85
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-a)
Thermal resistance junction-ambient
TBD
oC/W


Similar Part No. - 7003

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
7003 ALLEGRO-7003 Datasheet
144Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
logo
Bourns Electronic Solut...
7003 BOURNS-7003 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
API Technologies Corp
7003 APITECH-7003 Datasheet
488Kb / 1P
Inside DC Block
logo
ASSUN MOTOR Pte Ltd.
7003 ASSUN-7003 Datasheet
1Mb / 1P
Graphite Brush
2024-A
logo
Mitutoyo America Corpor...
7003 MITUTOYO-7003 Datasheet
88Kb / 1P
STANDS & WORKHOLDINGS
More results

Similar Description - 7003

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
GSM/DCS/PCS power amplifier
2000 Nov 28
UAA3535HL PHILIPS-UAA3535HL Datasheet
118Kb / 24P
Low power GSM/DCS/PCS multi-band transceiver
2000 Feb 17
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_1 Datasheet
367Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P0T WALSIN-RFCPL1608070P0T Datasheet
538Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P1T WALSIN-RFCPL1608070P1T Datasheet
538Kb / 2P
AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com