Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7003 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 7003
Description  TRI-BAND GSM/DCS/PCS LNA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7003 Datasheet(HTML) 5 Page - STMicroelectronics

  7003 Datasheet HTML 1Page - STMicroelectronics 7003 Datasheet HTML 2Page - STMicroelectronics 7003 Datasheet HTML 3Page - STMicroelectronics 7003 Datasheet HTML 4Page - STMicroelectronics 7003 Datasheet HTML 5Page - STMicroelectronics 7003 Datasheet HTML 6Page - STMicroelectronics 7003 Datasheet HTML 7Page - STMicroelectronics 7003 Datasheet HTML 8Page - STMicroelectronics 7003 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
STB7003
TYPICAL PERFORMANCE (DCS / PCS BAND)
Power Gain vs. Frequency
-10
-5
0
5
10
15
20
1800 1820 1840 1860 1880 1900 1920 1940 1960 1980 2000
FREQUENCY (MHz)
Low Gain
High Gain
Noise Figure vs. Frequency
1800
1850
1900
1950
2000
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
9
10
11
Low Gain
High Gain
Input Return Loss vs. Frequency
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
1800 1820 1840 1860 1880 1900 1920 1940 1960 1980 2000
High Gain
Low Gain
FREQUENCY (MHz)
Reverse Isolation vs. Frequency
-44
-43
-42
-41
-40
-39
-38
-37
-36
-35
1800 1820184018601880190019201940 196019802000
FREQUENCY (MHz)
High Gain
Low Gain
Output Return Loss vs. Frequency
-12
-10
-8
-6
-4
-2
0
1800 1820 1840 1860 1880 1900 1920 1940 1960 1980 2000
FREQUENCY (MHz)
Low Gain
High Gain



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com