Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7003 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 7003
Description  TRI-BAND GSM/DCS/PCS LNA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7003 Datasheet(HTML) 2 Page - STMicroelectronics

  7003 Datasheet HTML 1Page - STMicroelectronics 7003 Datasheet HTML 2Page - STMicroelectronics 7003 Datasheet HTML 3Page - STMicroelectronics 7003 Datasheet HTML 4Page - STMicroelectronics 7003 Datasheet HTML 5Page - STMicroelectronics 7003 Datasheet HTML 6Page - STMicroelectronics 7003 Datasheet HTML 7Page - STMicroelectronics 7003 Datasheet HTML 8Page - STMicroelectronics 7003 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STB7003
2/9
ELECTRICAL CHARACTERISTICS (Vcc = 2.8V, Tamb= 25 oC)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vcc
Supply voltage
2.7
3.3
V
IPD
Sleep supply current
5
uA
LNA1 @ 950MHz
Icc
Supply current
4.5
mA
G
Power gain
Gp1
(1)
Gp2
(1)
-1
16
dB
NF
Noise figure
Gp1
Gp2
5.5
1.5
dB
P1dB
Input 1 dB compr.
power
Gp1
Gp2
-19
-21
dBm
IIP3
Input third order
intercept
Gp1
(2)
Gp2
(2)
-10.8
-12.6
dBm
VSWRi
Input VSWR
2:1
VSWRo
Output VSWR
2:1
LNA2 @ 1850MHz
Icc
Supply current
7.3
mA
G
Power gain
Gp1
(1)
Gp2
(1)
-4
14.7
dB
NF
Noise figure
Gp1
Gp2
9.6
1.9
dB
P1dB
Input 1 dB compr.
power
Gp1
Gp2
-11.5
-13.1
dBm
IIP3
Input third order
intercept
Gp1
(3)
Gp2
(3)
-1.4
-3.5
dBm
VSWRi
Input VSWR
2:1
VSWRo
Output VSWR
2:1
LNA2 @ 1950MHz
Note(1) : Gp1 min gain, Gp2 max gain.
Note(2) : Measured data with two tones fIN1 = 945 MHz, fIN2 = 945.8 MHz, PIN = - 33 dBm for each tone
Note(3) : Measured data with two tones fIN1 = 1850 MHz, fIN2 = 1850.8 MHz, PIN = - 33 dBm for each tone
Note(4) : Measured data with two tones fIN1 = 1960 MHz, fIN2 = 1960.8 MHz, PIN = - 33 dBm for each tone
Icc
Supply current
7.3
mA
G
Power gain
Gp1
(1)
Gp2
(1)
-4.5
14.7
dB
NF
Noise figure
Gp1
Gp2
9.8
2
dB
P1dB
Input 1 dB compr.
power
Gp1
Gp2
-10.8
-12.6
dBm
IIP3
Input third order
intercept
Gp1
(4)
Gp2
(4)
-1.5
-3.7
dBm
VSWRi
Input VSWR
2:1
VSWRo
Output VSWR
2:1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com