Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXDV1212 Datasheet (PDF) - STMicroelectronics

TXDV1212 Datasheet PDF - STMicroelectronics
Part # TXDV1212
Download  TXDV1212 Download
File Size   93.08 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 A high voltage Triacs

TXDV1212 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXDV1212 Datasheet PDF - STMicroelectronics

Part # TXDV1212
Download  TXDV1212 Click to download

File Size   93.08 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 A high voltage Triacs

TXDV1212 Datasheet (HTML) - STMicroelectronics




Similar Part No. - TXDV1212

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TXDV1212RG ISC-TXDV1212RG Datasheet
430Kb / 3P
isc Thyristor
More results


Similar Description - TXDV1212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTA23 ETC-BTA23 Datasheet
269Kb / 5P
12-A SILICON TRIACS
logo
NXP Semiconductors
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
High temperature 12 A Triacs
17-Apr-2007
logo
NXP Semiconductors
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
logo
STMicroelectronics
TPDVXX25 STMICROELECTRONICS-TPDVXX25 Datasheet
82Kb / 7P
25 A high voltage Triacs
13-Jan-2012
TPDV1240RG STMICROELECTRONICS-TPDV1240RG Datasheet
70Kb / 7P
40 A high voltage Triacs
30-Mar-2011
logo
NXP Semiconductors
BTA312B-600E NXP-BTA312B-600E Datasheet
88Kb / 12P
12 A Three-quadrant triacs high commutation
Rev. 01-26 April 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
logo
STMicroelectronics
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
40 A high voltage Triacs
10-Jun-2015
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
High temperature 12 A Snubberless™ Triacs
20-Sep-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com