Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8220 Datasheet (PDF) - Allegro MicroSystems

8220 Datasheet PDF - Allegro MicroSystems
Part # 8220
Download  8220 Download
File Size   137.53 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-DROPOUT REGULATORS . HIGH EFFICIENCY

8220 Datasheet (PDF)

Go To PDF Page Download Datasheet
8220 Datasheet PDF - Allegro MicroSystems

Part # 8220
Download  8220 Click to download

File Size   137.53 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-DROPOUT REGULATORS . HIGH EFFICIENCY

8220 Datasheet (HTML) - Allegro MicroSystems


8220 Product details

LOW-DROPOUT REGULATORS — HIGH EFFICIENCY

Designed specifically to meet the requirement for extended operation of battery-powered equipment such as cordless and cellular telephones, the A8220SLH thru A8233SLH voltage regulators offer the reduced dropout voltage and quiescent current essential for maximum battery life. Applicable also to palmtop computers and personal data assistants, these devices deliver a regulated output at up to 100 mA (transient), which is limited only by package power dissipation. Regulated output voltages of 2.6, 2.7, 2.8, 2.9, 3.0 and 3.3 are currently
provided. Other voltages, down to 2.0 volts, are available on special order.

FEATURES AND BENEFITS
■ High Efficiency Provides Extended Battery Life
■ 125 mV Typical Dropout Voltage at IO = 50 mA
■ 32 µA Typical Quiescent Current
    Less Than 1 µA “Sleep” Current
■ Low Output Noise
■ 100 mA Peak Output Current
■ Improved PSRR and Transient Performance

APPLICATIONS
■ Cordless and Cellular Telephones
■ Personal Data Assistants
■ Personal Communicators
■ Palmtop Computers




Similar Part No. - 8220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8220-0023 ETC1-8220-0023 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
logo
FIBOX Enclosing innovat...
8220080 FIBOX-8220080 Datasheet
46Kb / 1P
Mounting Plate, for enclosures
26.07.2023
logo
Ulti-Mate Connector Inc
822031120 ULTI-MATE-822031120 Datasheet
44Kb / 1P
Nano Circular Wired 7 Socket No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
12-23-14
822031130 ULTI-MATE-822031130 Datasheet
45Kb / 1P
Nano Circular Wired 7 Socket No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 36 Inches Wire Length Plastic Shell 125 Max Temp No QPL
04-12-19
822041120 ULTI-MATE-822041120 Datasheet
48Kb / 1P
Nano Circular Wired 19 Socket No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
03-06-19
More results


Similar Description - 8220

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
8205 ALLEGRO-8205 Datasheet
122Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
December 6, 1999
8226 ALLEGRO-8226 Datasheet
137Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8405 ALLEGRO-8405 Datasheet
118Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
High-Current Low-Dropout Regulators
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
Micrel Semiconductor
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
High-Current Low-Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
Low-Dropout Regulators
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com