Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1084 Datasheet (PDF) - First Components International

LT1084 Datasheet PDF - First Components International
Part # LT1084
Download  LT1084 Download
File Size   615.33 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators

LT1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1084 Datasheet PDF - First Components International

Part # LT1084
Download  LT1084 Click to download

File Size   615.33 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators

LT1084 Datasheet (HTML) - First Components International


LT1084 Product details

Features:
   Output Current - 5A
   Maximum Input Voltage – 12V
   Adjustable Output Voltage or Fixed
   1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 3.6V, 5V
   Current Limiting and Thermal Protection
   Standard 3-Pin Power Packages
  
Applications:
   Post Regulator for Switching DC/DC Converter
   High Efficiency Liner Regulators
   Battery Charger




Similar Part No. - LT1084

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084 Datasheet
287Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084 Datasheet
220Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1084 LINER-LT1084 Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084 Datasheet
291Kb / 22P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Similar Description - LT1084

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
8205 ALLEGRO-8205 Datasheet
122Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
December 6, 1999
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8226 ALLEGRO-8226 Datasheet
137Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8405 ALLEGRO-8405 Datasheet
118Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
logo
Calogic, LLC
CLM2850 CALOGIC-CLM2850 Datasheet
40Kb / 4P
5.0A Low Dropout Voltage Regulator Adjustable
logo
List of Unclassifed Man...
B1084 ETC1-B1084 Datasheet
38Kb / 3P
5.0A Low Dropout Voltage Regulator
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
4.6A Low Dropout Positive Regulators
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
5.0A LOW DROPOUT PRECISION REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com