Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2850 Datasheet (PDF) - Calogic, LLC

CLM2850 Datasheet PDF - Calogic, LLC
Part # CLM2850
Download  CLM2850 Download
File Size   40.48 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 5.0A Low Dropout Voltage Regulator Adjustable

CLM2850 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM2850 Datasheet PDF - Calogic, LLC

Part # CLM2850
Download  CLM2850 Click to download

File Size   40.48 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 5.0A Low Dropout Voltage Regulator Adjustable

CLM2850 Datasheet (HTML) - Calogic, LLC


CLM2850 Product details

PRODUCT DESCRIPTION
The Calogic CLM2850 is a low power 5A adjustable voltage regulator that is very easy to use. It requires only 2 external resistors to set the output voltage. This device is an excellent choice for use in powering IntelTM microprocessors to convert from +5V to 3.3V supplies and as a post regulator for switching supplies applications.

FEATURES
• Adjustable Output Down to 1.2V
• Output Current of 5A
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Current and Thermal Limiting
• Standard 3-Terminal Low Cost TO-220
• Similar to Industry Standard LT1084

APPLICATIONS
• Powering Intel PentiumTM µP from +5V Supplies
• Power PCTM Supplies
• SMPS Post-Regulator
• High Efficiency "Green" Computer Systems
• High Efficiency Linear Power Supplies
• Portable Instrumentation
• Constant Current Regulators
• Adjustable Power Supplies
• Battery Chargers




Similar Part No. - CLM2850

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM285-12 CALOGIC-CLM285-12 Datasheet
32Kb / 3P
Micropower Voltage Reference Diode
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
CLM285Y1 CALOGIC-CLM285Y1 Datasheet
32Kb / 3P
Micropower Voltage Reference Diode
CLM285Y2 CALOGIC-CLM285Y2 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
More results


Similar Description - CLM2850

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
3.0A Low Dropout Voltage Regulator Adjustable
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
B1084 ETC1-B1084 Datasheet
38Kb / 3P
5.0A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSCLM2931 GTM-GSCLM2931 Datasheet
498Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
5.0A LOW DROPOUT PRECISION REGULATOR
logo
E-Tech Electronics LTD
G5JLM2931 ETL-G5JLM2931 Datasheet
483Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
GSCLM2931 ETL-GSCLM2931 Datasheet
500Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com