Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF620 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BF620 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # BF620
Download  BF620 Download
File Size   125.6 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

BF620 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF620 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BF620
Download  BF620 Click to download

File Size   125.6 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (NPN)

BF620 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


BF620 Product details

TRANSISTOR (NPN)

FEATURES
   Power dissipation
      PCM: 500 mW (Tamb=25℃)
   Collector current
      ICM: 50 mA
   Collector-base voltage
      V(BR)CBO: 300 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - BF620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF620 PHILIPS-BF620 Datasheet
40Kb / 8P
NPN high-voltage transistors
1999 Apr 21
logo
Zetex Semiconductors
BF620 ZETEX-BF620 Datasheet
34Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
List of Unclassifed Man...
BF620 ETC1-BF620 Datasheet
34Kb / 2P
The Small-signal NPN Silicon High Voltage Medium-Power Transistor
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
logo
NXP Semiconductors
BF620 NXP-BF620 Datasheet
131Kb / 10P
NPN high-voltage transistors
2004 Dec 14
More results


Similar Description - BF620

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com