Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS622LSB Datasheet (PDF) - Allegro MicroSystems

ATS622LSB Datasheet PDF - Allegro MicroSystems
Part # ATS622LSB
Download  ATS622LSB Download
File Size   153.29 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR

ATS622LSB Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS622LSB Datasheet PDF - Allegro MicroSystems

Part # ATS622LSB
Download  ATS622LSB Click to download

File Size   153.29 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR

ATS622LSB Datasheet (HTML) - Allegro MicroSystems


ATS622LSB Product details

The ATS622LSB is an optimized Hall-effect sensing integrated circuit and magnet combination that provides a user-friendly solution for true zero-speed digital gear-tooth sensing. The sensor module consists of a plastic shell that holds together a samarium-cobalt magnet, a pole piece, and a Hall-effect sensor that has been optimized to the magnetic circuit. This small package can be easily assembled and used in conjunction with a wide variety of gear shapes and sizes.

FEATURES AND BENEFITS
■ Tight timing accuracy over temperature
■ True zero-speed operation
■ Air-gap independent switch points
■ High vibration immunity
■ Extremely precise duty cycle signal with temperature
■ Large operating air gaps
■ Defined power-on state
■ Wide operating voltage range
■ Digital output representing gear profile
■ Single-chip sensing IC for high reliability
■ Small mechanical size (9 mm diameter x 7 mm length)
■ Optimized magnetic circuit
■ <200 µs power-on time
■ AGC and reference-adjust circuit
■ Under-voltage lockout

ABSOLUTE MAXIMUM RATINGS at TA = 25°C
Supply Voltage, VCC ........................ 26.5 V*
Reverse Supply Voltage, VRCC ............ -24 V
Continuous Output Current, IOUT ....... 20 mA
Reverse Output Current, IROUT .......... 50 mA
Package Power Dissipation, PD .......................................... See Graph
Operating Temperature Range, TA ............................. -40°C to +150°C*
Junction Temperature,
(continuous), TJ .......................... +165°C
(100 s), TJM ................................ +180°C
Storage Temperature, TS ................... +170°C




Similar Part No. - ATS622LSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS622LSB ALLEGRO-ATS622LSB Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
More results


Similar Description - ATS622LSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS645LSH ALLEGRO-ATS645LSH Datasheet
408Kb / 14P
True Zero Speed Miniature Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
ATS667LSG ALLEGRO-ATS667LSG Datasheet
330Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
Hall effect Gear tooth Sensor
logo
Allegro MicroSystems
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
True Zero-Speed High-Accuracy Gear Tooth Sensor IC
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com