Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS622LSB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS622LSB
Description  TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS622LSB Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS622LSB Datasheet HTML 1Page - Allegro MicroSystems ATS622LSB Datasheet HTML 2Page - Allegro MicroSystems ATS622LSB Datasheet HTML 3Page - Allegro MicroSystems ATS622LSB Datasheet HTML 4Page - Allegro MicroSystems ATS622LSB Datasheet HTML 5Page - Allegro MicroSystems ATS622LSB Datasheet HTML 6Page - Allegro MicroSystems ATS622LSB Datasheet HTML 7Page - Allegro MicroSystems ATS622LSB Datasheet HTML 8Page - Allegro MicroSystems ATS622LSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS622LSB
TRUE ZERO-SPEED,
GEAR-TOOTH SENSOR
4
OPERATION over operating voltage and temperature range with reference target (unless oth-
erwise noted)
Limits
Characteristic
Symbol
Description
Min.
Typ.
Max.
Units
Air Gap Range
AG
Operating, target speed > 20 RPM
0.5
–
2.5
mm
Calibration Cycle
ncal
Output edges before which
1
1
1
Edge
calibration is completed*
Calibration Update
nr
Output falling edges for startup
64
64
64
Edges
calibration to be complete
Minimum Speed
nmin
–0–
r/s
Maximum Speed
nmax
60 teeth per second = 1 r/s
–
133
–
r/s
Timing Accuracy
tθ
Target speed = 1000 rpm,
–
±0.2
±0.5
°
0.5 mm < AG < 2.5 mm
* Non-uniform magnetic profiles may require additional output pulses before calibration is completed.
REFERENCE GEAR DIMENSIONS (60-0)
Limits
Characteristic
Symbol
Description
Min.
Typ.
Max.
Units
Diameter
D
O
–
120
–
mm
Tooth Width
T
–
3.0
–
mm
Valley Width
(pC – T)
–
3.0
–
mm
Valley Depth
h
t
–
3.0
–
mm
Thickness
F
3.0
–
–
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com