Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2488 Datasheet (PDF) - Monolithic Power Systems

MP2488 Datasheet PDF - Monolithic Power Systems
Part # MP2488
Download  MP2488 Download
File Size   231.0 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 200kHz, 55V Input, 2A High Power LED Driver

MP2488 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2488 Datasheet PDF - Monolithic Power Systems

Part # MP2488
Download  MP2488 Click to download

File Size   231.0 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 200kHz, 55V Input, 2A High Power LED Driver

MP2488 Datasheet (HTML) - Monolithic Power Systems


MP2488 Product details

DESCRIPTION

The MP2488 is a fixed frequency step-down switching regulator to deliver a constant current of up to 2A to high power LEDs. It integrates a high-side, high voltage power MOSFET with a current limit of 3.2A. The wide 4.5V to 55V input range accommodates a variety of step-down applications, making it ideal for automotive, industry and general lighting applications.



FEATURES

Wide 4.5V to 55V Operating Input Range

220mΩ Internal Power MOSFET

Up to 200kHz Programmable Switching Frequency

130μA Quiescent Current

Ceramic Capacitor Stable

Internal Soft-Start

Up to 97.5% Efficiency

200mV reference voltage for high efficiency

Available in 3x3mm 10-Pin QFN and SOIC8 with Exposed Pad Packages




Similar Part No. - MP2488

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2488DN MPS-MP2488DN Datasheet
156Kb / 4P
High Voltage White LED Driver Evaluation Board
More results


Similar Description - MP2488

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC34463 UTC-UC34463 Datasheet
197Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Monolithic Power System...
MP2487 MPS-MP2487 Datasheet
207Kb / 13P
55V, 1A High Power LED Driver
MP24833 MPS-MP24833 Datasheet
649Kb / 16P
3A, 55V White LED Driver
logo
Unisonic Technologies
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Monolithic Power System...
MP24833A MPS-MP24833A Datasheet
495Kb / 14P
55V, 3A, White LED Driver
EV4689DN-00A MPS-EV4689DN-00A Datasheet
238Kb / 5P
100V Input 1A High Power LED Driver
EV24833-A-N-00A MPS-EV24833-A-N-00A Datasheet
270Kb / 5P
3A,55V White LED Driver
logo
Shenzhen Huazhimei Semi...
HM3122 HMSEMI-HM3122 Datasheet
1Mb / 7P
5A, 55V, 200KHz Switch Buck Converter
HM3124 HMSEMI-HM3124 Datasheet
847Kb / 6P
2A, 80V, 200KHz Switch Buck Converter
logo
Diodes Incorporated
AL5871Q DIODES-AL5871Q Datasheet
1Mb / 15P
AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER
Rev. 1 - 2 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com